Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3874CCYE80 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM3874CCYE80
Description  Sitara ARM Processors
Download  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM3874CCYE80 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button AM3874CCYE80 Datasheet HTML 3Page - Texas Instruments AM3874CCYE80 Datasheet HTML 4Page - Texas Instruments AM3874CCYE80 Datasheet HTML 5Page - Texas Instruments AM3874CCYE80 Datasheet HTML 6Page - Texas Instruments AM3874CCYE80 Datasheet HTML 7Page - Texas Instruments AM3874CCYE80 Datasheet HTML 8Page - Texas Instruments AM3874CCYE80 Datasheet HTML 9Page - Texas Instruments AM3874CCYE80 Datasheet HTML 10Page - Texas Instruments AM3874CCYE80 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 358 page
background image
AM3874, AM3871
www.ti.com
SPRS695D – SEPTEMBER 2011 – REVISED JANUARY 2016
3
Device Overview
3.1
Device Comparison
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. AM387x Device Comparison
DEVICES
FEATURES
AM3874
AM3871
Video Ports (Inputs)
VIN[0]/VIN[1]
NONE
HDVPSS
Video Ports (Outputs)
VOUT[0]/VOUT[1]
NONE
HDMI
YES (1)
NONE
SGX530
YES (1)
NONE
3.2
Device Characteristics
Table 3-2 provides an overview of the AM387x Sitara™ ARM Processors , which includes significant
features of the device, including the capacity of on-chip RAM, peripherals, and the package type with pin
count.
Table 3-2. Characteristics of the Processor
HARDWARE FEATURES
AM387x
1 16-/24-bit HD Capture Port or
2 8-bit SD Capture Ports
and
1 8-bit SD Capture Port
and
1 16-/24-/30-bit HD Display Port or
HD Video Processing Subsystem (HDVPSS)
1 8-/16-/24-bit HD Capture Port
and
1 16-24-bit HD Display Port
and
1 HDMI 1.3 Transmitter
and
2 SD Video DACs
1 Parallel Camera Input for Raw (up to
Imaging Subsystem (ISS)
16-bit)
and BT.656/BT.1120 (8/16-bit)
Peripherals
DDR2/3 Memory Controller
2 (32-bit Bus Widths)
Not all peripherals
pins are available
Asynchronous (8-/16-bit bus width)
GPMC + ELM
at the same time
RAM, NOR, NAND
(for more details,
64 Independent Channels
see the Device
EDMA
8 QDMA Channels
Configurations
section).
10/100/1000 Ethernet MAC Switch with Management Data Input/Output
1 (with 2 MII/RMII/GMII/RGMII
(MDIO)
Interfaces)
2 (Supports High- and Full-Speed as a
Device and
USB 2.0
High-, Full-, and Low-Speed as a Host,
or OTG)
PCI-Express 2.0
1 Port (1 5.0GT/s lane)
8 (32-bit General purpose)
Timers
and
1 (System Watchdog)
6 (with SIR, MIR, FIR, CIR support and
UART
RTS/CTS flow control)
(UART0 Supports Modem Interface)
SPI
4 (Supports 4 slave devices)
Copyright © 2011–2016, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Links: AM3874 AM3871


Numéro de pièce similaire - AM3874CCYE80

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3874 TI-AM3874 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3874BCYE100 TI1-AM3874BCYE100 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3874BCYE80 TI1-AM3874BCYE80 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3874BCYEA80 TI1-AM3874BCYEA80 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
More results

Description similaire - AM3874CCYE80

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3894CCYG120 TI-AM3894CCYG120 Datasheet
1Mb / 308P
[Old version datasheet]   AM389x Sitara ARM Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com