Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3892CCYG135 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM3892CCYG135
Description  Sitara ARM Microprocessors
Download  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM3892CCYG135 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button AM3892CCYG135 Datasheet HTML 6Page - Texas Instruments AM3892CCYG135 Datasheet HTML 7Page - Texas Instruments AM3892CCYG135 Datasheet HTML 8Page - Texas Instruments AM3892CCYG135 Datasheet HTML 9Page - Texas Instruments AM3892CCYG135 Datasheet HTML 10Page - Texas Instruments AM3892CCYG135 Datasheet HTML 11Page - Texas Instruments AM3892CCYG135 Datasheet HTML 12Page - Texas Instruments AM3892CCYG135 Datasheet HTML 13Page - Texas Instruments AM3892CCYG135 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 313 page
background image
AM3894
AM3892
SPRS681G – OCTOBER 2010 – REVISED MARCH 2015
www.ti.com
3.2.1
ARM Cortex-A8 RISC Processor
The ARM Cortex-A8 subsystem integrates the ARM Cortex-A8 processor. The ARM Cortex-A8 processor
is a member of ARM Cortex family of general-purpose processors. This processor is targeted at multi-
tasking applications where full memory management, high performance, low die size, and low power are
all important. The ARM Cortex-A8 processor supports the ARM debug architecture and includes logic to
assist in both hardware and software debug. The ARM Cortex-A8 processor has a Harvard architecture
and provides a complete high-performance subsystem, including:
ARM Cortex-A8 integer core
Superscalar ARMv7 instruction set
Thumb-2 instruction set
Jazelle RCT acceleration
CP14 debug coprocessor
CP15 system control coprocessor
NEON 64-bit and 128-bit hybrid SIMD engine for multimedia
Enhanced memory management unit (MMU)
Separate level-1 instruction and data caches
Integrated level-2 cache
128-bit interconnect to system memories and peripherals
Embedded trace module (ETM).
3.2.2
Embedded Trace Module (ETM)
To support real-time trace, the ARM Cortex-A8 processor provides an interface to enable connection of an
embedded trace module (ETM). The ETM consists of two parts:
The Trace port provides real-time trace capability for the ARM Cortex-A8.
Triggering facilities provide trigger resources, which include address and data comparators, counter,
and sequencers.
The ARM Cortex-A8 trace port is connected to the system-level embedded trace buffer (ETB). The ETB
has a 32KB buffer memory. ETB enabled debug tools are required to read and interpret the captured trace
data.
For more details on the ETB, see Section 9.4.2.
3.2.3
ARM Cortex-A8 Interrupt Controller (AINTC)
The ARM Cortex-A8 subsystem contains an interrupt controller (AINTC) that prioritizes all service requests
from the system peripherals and generates either IRQ or FIQ to the ARM Cortex-A8 processor. For more
details on the AINTC, see Section 8.4.
3.2.4
System Interconnect
The ARM Cortex-A8 processor in connected through the arbiter to both an L3 interconnect port and a
DMM port. The DMM port is 128-bits wide and provides the ARM Cortex-A8 direct access to the DDR
memories, while the L3 interconnect port is 64-bits wide and provides access to the remaining device
modules.
10
Device Comparison
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3894 AM3892


Numéro de pièce similaire - AM3892CCYG135

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3892CCYG135 TI-AM3892CCYG135 Datasheet
1Mb / 308P
[Old version datasheet]   AM389x Sitara ARM Processors
More results

Description similaire - AM3892CCYG135

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3517 TI1-AM3517_12 Datasheet
1Mb / 222P
[Old version datasheet]   ARM Microprocessors
AM3517 TI1-AM3517_14 Datasheet
1Mb / 223P
[Old version datasheet]   ARM Microprocessors
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com