Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV70T Fiches technique(PDF) 1 Page - Yea Shin Technology Co., Ltd

No de pièce BAV70T
Description  150mW SOT-523 SURFACE MOUNT Plastic Package Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAV70T Fiches technique(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BAV70T Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAV70T Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20130927
BAV70T
H
150mW SOT-523 SURFACE MOUNT
Plastic Package
Fast Switching Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
150
mW
TSTG
Storage Temperature Range
-55 to +125
°C
TJ
Operating Junction Temperature
+125
°C
VR
Reverse Voltage
85
V
IFO
Forward Current
75
mA
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Fast Switching Device
General Purpose Diodes
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Electrical Symbol & Marking Codes:
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
VBR)
Reverse Breakdown Voltage
IR=1µA
85
Volts
IR
Reverse Leakage Current
VR1=75V
VR2=25V
2
0.03
µA
VF
Forward Voltage
TCBAT42WS,
IF=1mA
IF=10mA
IF=50mA
IF=150mA
0.715
0.855
1.00
1.25
Volts
CD
Diode Capacitance
VR=0V, f=1MHz
1.5
pF
Trr
Reverse Recovery Time
IF= IR= 10mA
IRR=0.1x IR, RL=100Ω
4
ns
SOT-523
BAV70T
Marking: JJ
1
2
3
1
2
3


Numéro de pièce similaire - BAV70T

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAV70T PHILIPS-BAV70T Datasheet
72Kb / 12P
   High-speed double diode
1997 Dec 19
logo
Shenzhen Luguang Electr...
BAV70T LUGUANG-BAV70T Datasheet
223Kb / 2P
   Switching Diode
logo
Galaxy Semi-Conductor H...
BAV70T BILIN-BAV70T Datasheet
165Kb / 4P
   High-speed double Diode
logo
Diodes Incorporated
BAV70T DIODES-BAV70T Datasheet
200Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Shenzhen Luguang Electr...
BAV70T LUGUANG-BAV70T Datasheet
223Kb / 2P
   Switching Diode
More results

Description similaire - BAV70T

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
LMDAN222 LEIDITECH-LMDAN222 Datasheet
466Kb / 2P
   150mW SOT-523 SURFACE MOUNT Plastic Package Fast Switching Diode
logo
Yea Shin Technology Co....
BAW56T YEASHIN-BAW56T Datasheet
483Kb / 2P
   150mW SOT-523 SURFACE MOUNT
BAV99T YEASHIN-BAV99T Datasheet
483Kb / 2P
   150mW SOT-523 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
MM5ZXXXT SECOS-MM5ZXXXT Datasheet
61Kb / 2P
   150mW , SOT-523 Surface Mount Zener Diodes
logo
Tak Cheong Electronics ...
TC1N4148WT TAK_CHEONG-TC1N4148WT_11 Datasheet
187Kb / 5P
   200mW SOD-523 SURFACE MOUNT Fast Switching Diode
logo
Yea Shin Technology Co....
1N4448WT YEASHIN-1N4448WT Datasheet
508Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
Continental Device Indi...
SOT-23 CDIL-SOT-23 Datasheet
220Kb / 3P
   SOT-23 Surface Mount Plastic Package
logo
List of Unclassifed Man...
SOT-23 ETC-SOT-23 Datasheet
171Kb / 3P
   SOT-23 Surface Mount Plastic Package
logo
Tak Cheong Electronics ...
TC1N4148WT TAK_CHEONG-TC1N4148WT Datasheet
678Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
Yea Shin Technology Co....
1N4148WT YEASHIN-1N4148WT Datasheet
508Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com