Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF14-2S-1.25C Fiches technique(PDF) 6 Page - Hirose Electric

No de pièce DF14-2S-1.25C
Description  1.25mm Pitch Super Low profile Crimping Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF14-2S-1.25C Fiches technique(HTML) 6 Page - Hirose Electric

  DF14-2S-1.25C Datasheet HTML 1Page - Hirose Electric DF14-2S-1.25C Datasheet HTML 2Page - Hirose Electric DF14-2S-1.25C Datasheet HTML 3Page - Hirose Electric DF14-2S-1.25C Datasheet HTML 4Page - Hirose Electric DF14-2S-1.25C Datasheet HTML 5Page - Hirose Electric DF14-2S-1.25C Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
B182
BPrecautions
1. Recommended Temperature Profile (SMT)
Note 1.The soldering process is allowed up to twice under the same condition. However, the
interval between the first and second processes must be maintained at the room
temperature.
Note 1.The temperature indicates the board surface temperature on the connector lead area.
2. Recommended Manual Soldering Condition (SMT)
Manual soldering: 290ç for 2 seconds
3. Recommended Screen Thickness (SMT)
0.15 to 0.2mm
4. Board Sled (SMT)
Max 0.03mm at the connector center area, based on both connector edges
5. Cleaning Condition
Refer to Nylon Connector Use Hand book.
6. Connection Condition
Refer to Nylon Connector Use Hand book.
sBe careful to carry out the crimping operation according to the "Crimping Condition Sheet"
and "Crimping Quality Reference", because the crimping contact style is too small.
7. Cautions
sBe careful for an excessive scoop insertion/extraction, which will cause damage to the
product.


Numéro de pièce similaire - DF14-2S-1.25C

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results

Description similaire - DF14-2S-1.25C

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com