Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF7-1P-3.96DSA Fiches technique(PDF) 13 Page - Hirose Electric

No de pièce DF7-1P-3.96DSA
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-1P-3.96DSA Fiches technique(HTML) 13 Page - Hirose Electric

Back Button DF7-1P-3.96DSA Datasheet HTML 8Page - Hirose Electric DF7-1P-3.96DSA Datasheet HTML 9Page - Hirose Electric DF7-1P-3.96DSA Datasheet HTML 10Page - Hirose Electric DF7-1P-3.96DSA Datasheet HTML 11Page - Hirose Electric DF7-1P-3.96DSA Datasheet HTML 12Page - Hirose Electric DF7-1P-3.96DSA Datasheet HTML 13Page - Hirose Electric DF7-1P-3.96DSA Datasheet HTML 14Page - Hirose Electric DF7-1P-3.96DSA Datasheet HTML 15Page - Hirose Electric DF7-1P-3.96DSA Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
s Crimp Contact
Ø2
2.4
P=11
t=0.25
2.35
AWG No.
16
18
2.5
1.3
P=11
0.64
t=0.25
Ø2
AWG No.
0.8
16
18
q Female Contact
q Male Contact
q Applicable cable (Tin plated annealed copper wire)
s Tools
CL680-0001-0
CL680-0002-3
CL680-0003-6
CL680-0004-9
CL680-0179-2
CL680-0180-1
CL680-0005-1
CL680-0006-4
CL680-0007-7
CL680-0008-0
CL680-0181-4
CL680-0182-7
DF7-1618SCF
DF7-1618SC
DF7-2022SCF
DF7-2022SC
DF7-2426SCF
DF7-2426SC
DF7-1618PCF
DF7-1618PC
DF7-2022PCF
DF7-2022PC
DF7-2426PCF
DF7-2426PC
3,000
100
3,000
100
3,000
100
3,000
100
3,000
100
3,000
100
Tin plating
CL No.
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Part Number
Packaging
Quantity
Finish
AWG#16(26/0.254mm)
AWG#18(34/0.18mm)
AWG#20(21/0.18mm)
AWG#22(17/0.16mm)
AWG#24(11/0.16mm)
AWG#26(7/0.16mm)
AWG#16(26/0.254mm)
AWG#18(34/0.18mm)
AWG#20(21/0.18mm)
AWG#22(17/0.16mm)
UL1007
UL1015
Wire size(Stranded wire conductor)
2.1 to 2.5mm
1.6 to 1.9mm
1.3 to 1.45mm
2.9 to 3.2mm
2.4 to 2.7mm
UL style
Jacket diameter
Note 1: When using other than the recommended wire, contact your nearest Hirose representative.
Note 2: Strip length: 3.0 to 3.8mm.
Manual
Automatic
CL901-0005-4
CL901-4554-4
CL901-4553-1
CL901-4587-3
CL550-0268-0
CL550-0269-3
CL550-0293-8
CM-105
AP105-DF7-1618
AP105-DF7-2022
AP105-DF7-2426
HT104/DF7-1618
HT104/DF7-2022
HT104/DF7-2426
Type
Press unit
Crimp tools
Applicator
----------------
DF7-1618SCF/DF7-1618PCF
DF7-2022SCF/DF7-2022PCF
DF7-2426SCF/DF7-2426PCF
DF7-1618SC/DF7-1618PC
DF7-2022SC/DF7-2022PC
DF7-2426SC/DF7-2426PC
CL No.
Part Number
Applicable Contacts


Numéro de pièce similaire - DF7-1P-3.96DSA

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
DF7-1P-3.96DSA HIROSE-DF7-1P-3.96DSA Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
More results

Description similaire - DF7-1P-3.96DSA

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
DF7 HIROSE-DF7 Datasheet
542Kb / 15P
   3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C_1 Datasheet
463Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22-1S-7.92C HIROSE-DF22-1S-7.92C Datasheet
569Kb / 15P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22L-5S-7.92C28 HIROSE-DF22L-5S-7.92C28 Datasheet
413Kb / 16P
   7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and T횥V Listed)
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Hirose Electric
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
DF33R-2S-3.3C HIROSE-DF33R-2S-3.3C Datasheet
341Kb / 8P
   3.3 mm Contact Pitch, Connectors for Internal Power Supplies
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com