Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB1EBH-10S-1.5H-PEJC2 Fiches technique(PDF) 8 Page - Hirose Electric

No de pièce CB1EBH-10S-1.5H-PEJC2
Description  Memory Stick Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CB1EBH-10S-1.5H-PEJC2 Fiches technique(HTML) 8 Page - Hirose Electric

Back Button CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 2Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 3Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 4Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 5Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 6Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 7Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 8Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 9Page - Hirose Electric CB1EBH-10S-1.5H-PEJC2 Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
BUsage Precautions
1.Care should be taken to correctly insert/withdraw the Memory Stick® card. Following correct insertion/withdrawal procedures
will prevent device or connector damage.
When handling the CB1C series connectors, hold it in the areas indicated by the arrows, as illustrated below.
2.Follow the recommended insertion angles, as illustrated below.
<Memory Stick Allowable Insertion Angles>
Recommended
holding area
Recommended
holding area
Contacts
Metal hold-down
Contacts, metal hold-down and
ejection components areas
±2°MAX
Initial insertion
(15 mm max.)
Complete insertion
(from 15 mm to full insertion)
0°±0.22°
±1°MAX
±1°MAX
±0.5°MAX
±0.2°M
AX
Outline of the Memory
Stick card
Outline of the Memory
Stick card
CB1A Series
CB1A Series
CB1C Series
CB1C Series


Numéro de pièce similaire - CB1EBH-10S-1.5H-PEJC2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CB1E105M2ACB ETC2-CB1E105M2ACB Datasheet
427Kb / 6P
   Tantalum Capacitor
CB1E106M2CCB ETC2-CB1E106M2CCB Datasheet
427Kb / 6P
   Tantalum Capacitor
CB1E107M2FCB ETC2-CB1E107M2FCB Datasheet
427Kb / 6P
   Tantalum Capacitor
CB1E155M2ACB ETC2-CB1E155M2ACB Datasheet
427Kb / 6P
   Tantalum Capacitor
CB1E156M2DCB ETC2-CB1E156M2DCB Datasheet
427Kb / 6P
   Tantalum Capacitor
More results

Description similaire - CB1EBH-10S-1.5H-PEJC2

FabricantNo de pièceFiches techniqueDescription
logo
Mitsumi Electronics, Co...
CIM-E31 MITSUMI-CIM-E31 Datasheet
169Kb / 2P
   Memory Stick??Connectors
CIM-G24 MITSUMI-CIM-G24 Datasheet
86Kb / 2P
   Memory Stick??Duo Connectors
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
   Memory Stick Duo / Memory Stick (2-in-1)
logo
ALPS ELECTRIC CO.,LTD.
SCNA ALPS-SCNA Datasheet
254Kb / 3P
   Connector for Memory Stick Micro?
logo
Adam Technologies, Inc.
MS-10-A-SG ADAM-TECH-MS-10-A-SG Datasheet
124Kb / 1P
   MEMORY STICK & SMART MEDIA SOCKETS
logo
PHOENIX CONTACT
2402809 PHOENIX-2402809 Datasheet
49Kb / 1P
   USB memory stick - USB FLASH DRIVE
logo
Texas Instruments
SN65LVDT14 TI-SN65LVDT14_07 Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
logo
ALPS ELECTRIC CO.,LTD.
SCDB ALPS-SCDB Datasheet
136Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
logo
Texas Instruments
SN65LVDT14-EP TI1-SN65LVDT14-EP Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com