Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS25926 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS25926
Description  Simple 5V/12V eFuse Protection Switches
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25926 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS25926 Datasheet HTML 2Page - Texas Instruments TPS25926 Datasheet HTML 3Page - Texas Instruments TPS25926 Datasheet HTML 4Page - Texas Instruments TPS25926 Datasheet HTML 5Page - Texas Instruments TPS25926 Datasheet HTML 6Page - Texas Instruments TPS25926 Datasheet HTML 7Page - Texas Instruments TPS25926 Datasheet HTML 8Page - Texas Instruments TPS25926 Datasheet HTML 9Page - Texas Instruments TPS25926 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TPS259250, TPS259251, TPS259260, TPS259261
SLVSCQ3A – AUGUST 2015 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics (continued)
–40°C
≤ TJ ≤ 125°C, VIN = 12 V for TPS25926x, VIN = 5 V for TPS25925x, VEN /UVLO = 2 V, RILIM = 100 kΩ, CdVdT = OPEN.
All voltages referenced to GND (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RILIM = 45.3 kΩ, VVIN-OUT = 5 V, TPS25925x
1.72
2.05
2.42
RILIM = 45.3 kΩ, VVIN-OUT = 12 V, TPS25926x
1.62
1.98
2.37
RILIM = 100 kΩ, VVIN-OUT = 5 V, TPS25925x
3.1
3.56
4.0
ISCL
Short-circuit current limit(2)
A
RILIM = 100 kΩ, VVIN-OUT = 12 V, TPS25926x
2.9
3.32
3.85
RILIM = 150 kΩ, VVIN-OUT = 5 V, TPS25925x
4.22
4.95
5.69
RILIM = 150 kΩ, VVIN-OUT = 12 V, TPS25926x
3.7
4.5
5.5
Fast-Trip comparator level w.r.t.
RATIOFASTRIP
IFASTRIP : IOL
160%
overload current limit(1)
ILIM Open resistor detect
VOpenILIM
VILIM Rising, RILIM = OPEN
3.1
V
threshold(1)
OUT (PASS FET OUTPUT)
TON
Turn-on delay(1)
EN/UVLO
→ H to IVIN = 100 mA, 1-A resistive load at OUT
220
µs
TJ = 25°C
21
30
39
RDS(on)
FET ON resistance
m
Ω
TJ = 125°C
40
50
IOUT-OFF-LKG
VEN/UVLO = 0 V, VOUT = 0 V (Sourcing)
–5
0
1.2
OUT Bias current in off state
µA
IOUT-OFF-SINK
VEN/UVLO = 0V, VOUT = 300 mV (Sinking)
10
15
20
THERMAL SHUT DOWN (TSD)
TSHDN
TSD Threshold, rising(1)
150
°C
TSHDNhyst
TSD Hysteresis(1)
10
°C
TPS259250, TPS259260
LATCHED
Thermal fault: latched or autoretry
TPS259251, TPS259261
AUTO-RETRY
7.6 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tOFFdly
Turn Off delay(1)
EN
0.4
µs
dV/dT (OUTPUT RAMP CONTROL)
TPS25926x, EN/UVLO
→ H to OUT = 11.7 V, CdVdT =
0.7
1
1.3
0
TPS25925x, EN/UVLO
→ H to OUT = 4.9 V, CdVdT = 0
0.28
0.4
0.52
tdVdT
Output ramp time
ms
TPS25926x, EN/UVLO
→ H to OUT = 11.7 V,
12
CdVdT = 1 nF
(1)
TPS25925x, EN/UVLO
→ H to OUT = 4.9 V,
5
CdVdT = 1 nF
(1)
ILIM (CURRENT LIMIT PROGRAMMING)
tFastOffDly
Fast-Trip comparator delay(1)
IOUT > IFASTRIP to IOUT= 0 (Switch Off)
300
ns
THERMAL SHUTDOWN (TSD)
At VIN = 5 V, TPS259251 and TPS259261
110
Retry Delay after TSD Recovery,
tTSDdly
ms
TJ < [TSHDN - 10
oC](1)
At VIN = 12 V, TPS259251 and TPS259261
145
(1)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS259250 TPS259251 TPS259260 TPS259261


Numéro de pièce similaire - TPS25926

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Description similaire - TPS25926

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Diodes Incorporated
AP91352 DIODES-AP91352 Datasheet
671Kb / 12P
   SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
   3.3V 5V 12V HOUSEKEEPING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com