Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS259251DRCT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS259251DRCT
Description  Simple 5V/12V eFuse Protection Switches
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259251DRCT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS259251DRCT Datasheet HTML 4Page - Texas Instruments TPS259251DRCT Datasheet HTML 5Page - Texas Instruments TPS259251DRCT Datasheet HTML 6Page - Texas Instruments TPS259251DRCT Datasheet HTML 7Page - Texas Instruments TPS259251DRCT Datasheet HTML 8Page - Texas Instruments TPS259251DRCT Datasheet HTML 9Page - Texas Instruments TPS259251DRCT Datasheet HTML 10Page - Texas Instruments TPS259251DRCT Datasheet HTML 11Page - Texas Instruments TPS259251DRCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
20
25
30
35
40
45
±50
0
50
100
150
Temperature (oC)
1.34
1.35
1.36
1.37
1.38
1.39
1.4
1.41
-50
0
50
100
150
Temperature (
oC)
Rising
Falling
0
50
100
150
0
2
4
6
8
10
C
dVdT (nF)
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
C013
0
10
20
30
40
50
60
0
2
4
6
8
10
C
dVdT (nF)
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
C014
0
20
40
60
80
100
120
140
160
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Overload Current Limit (A)
C005
Overload Current Limit (A)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
D001
TPS259250, TPS259251, TPS259260, TPS259261
SLVSCQ3A – AUGUST 2015 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
TJ = 25°C, VVIN = 12 V for TPS25926x, VVIN = 5 V for TPS25925x, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN = 0.1 µF, COUT = 1µF,
CdVdT = OPEN (unless stated otherwise)
Figure 7. Accuracy vs Overload Current Limit
Figure 8. RILM Resistor vs Overload Current Limit
TPS25926x
TPS25925x
Figure 9. TdVdT vs CdVdT
Figure 10. TdVdT vs CdVdT
Figure 11. VEN-VIH, VEN-VIL vs Temperature
Figure 12. RDSON vs Temperature
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS259250 TPS259251 TPS259260 TPS259261


Numéro de pièce similaire - TPS259251DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Description similaire - TPS259251DRCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Diodes Incorporated
AP91352 DIODES-AP91352 Datasheet
671Kb / 12P
   SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
   3.3V 5V 12V HOUSEKEEPING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com