Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS259251DRCR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS259251DRCR
Description  Simple 5V/12V eFuse Protection Switches
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259251DRCR Fiches technique(HTML) 2 Page - Texas Instruments

  TPS259251DRCR Datasheet HTML 1Page - Texas Instruments TPS259251DRCR Datasheet HTML 2Page - Texas Instruments TPS259251DRCR Datasheet HTML 3Page - Texas Instruments TPS259251DRCR Datasheet HTML 4Page - Texas Instruments TPS259251DRCR Datasheet HTML 5Page - Texas Instruments TPS259251DRCR Datasheet HTML 6Page - Texas Instruments TPS259251DRCR Datasheet HTML 7Page - Texas Instruments TPS259251DRCR Datasheet HTML 8Page - Texas Instruments TPS259251DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TPS259250, TPS259251, TPS259260, TPS259261
SLVSCQ3A – AUGUST 2015 – REVISED AUGUST 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Application and Implementation ........................ 18
9.1
Application Information............................................ 18
2
Applications ........................................................... 1
9.2
Typical Application ................................................. 18
3
Description ............................................................. 1
10
Power Supply Recommendations ..................... 23
4
Revision History..................................................... 2
10.1
Transient Protection .............................................. 23
5
Device Comparison Table..................................... 3
10.2
Output Short-Circuit Measurements ..................... 24
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 24
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 24
7.1
Absolute Maximum Ratings ..................................... 4
11.2
Layout Example .................................................... 25
7.2
ESD Ratings ............................................................ 4
12
Device and Documentation Support ................. 26
7.3
Recommended Operating Conditions...................... 4
12.1
Device Support .................................................... 26
7.4
Thermal Information ................................................. 5
12.2
Documentation Support ....................................... 26
7.5
Electrical Characteristics.......................................... 5
12.3
Related Links ........................................................ 26
7.6
Timing Requirements ............................................... 6
12.4
Community Resources.......................................... 26
7.7
Typical Characteristics .............................................. 7
12.5
Trademarks ........................................................... 26
8
Detailed Description ............................................ 14
12.6
Electrostatic Discharge Caution ............................ 26
8.1
Overview ................................................................. 14
12.7
Glossary ................................................................ 26
8.2
Functional Block Diagram ....................................... 14
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................. 14
Information ........................................................... 27
8.4
Device Functional Modes........................................ 17
4 Revision History
Changes from Original (August 2015) to Revision A
Page
Changed from Product Preview to Production Data............................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS259250 TPS259251 TPS259260 TPS259261


Numéro de pièce similaire - TPS259251DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Description similaire - TPS259251DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Diodes Incorporated
AP91352 DIODES-AP91352 Datasheet
671Kb / 12P
   SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
   3.3V 5V 12V HOUSEKEEPING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com