Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS25923 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS25923
Description  5V eFuse with Over Voltage Protection and Blocking FET Control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25923 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS25923 Datasheet HTML 4Page - Texas Instruments TPS25923 Datasheet HTML 5Page - Texas Instruments TPS25923 Datasheet HTML 6Page - Texas Instruments TPS25923 Datasheet HTML 7Page - Texas Instruments TPS25923 Datasheet HTML 8Page - Texas Instruments TPS25923 Datasheet HTML 9Page - Texas Instruments TPS25923 Datasheet HTML 10Page - Texas Instruments TPS25923 Datasheet HTML 11Page - Texas Instruments TPS25923 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
1
2
3
4
5
6
0
0.5
1
1.5
2
VVIN-OUT (V)
125 C
o
85 C
o
25 C
o
-40 C
o
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
VVIN-OUT (V)
125 C
o
85 C
o
25 C
o
-40 C
o
0.1
1
10
100
0
1
2
3
4
5
VEN (V)
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
1.34
1.35
1.36
1.37
1.38
1.39
1.4
1.41
-50
0
50
100
150
Temperature (
oC)
Rising
Falling
205
210
215
220
225
230
-50
0
50
100
150
Temperature (
ƒC)
C010
0
10
20
30
40
50
60
0
2
4
6
8
10
C
dVdT (nF)
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
C014
TPS259230, TPS259231
SLVSCV0A – AUGUST 2015 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
TJ = 25°C, VVIN = 5 V, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN = 0.1 µF, COUT = 1 µF, CdVdT = OPEN (unless stated otherwise)
Figure 7. IdVdT vs Temperature
Figure 8. TdVdT vs CdVdT
Figure 9. VEN-VIH, VEN-VIL vs Temperature
Figure 10. IEN (Leakage Current) vs VEN
RILIM = 150 kΩ
RILIM = 100 kΩ
Figure 11. IVOUT vs VVIN-OUT
Figure 12. IVOUT vs VVIN-OUT
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS259230 TPS259231


Numéro de pièce similaire - TPS25923

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Description similaire - TPS25923

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Texas Instruments
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com