Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS24750RUVR Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS24750RUVR
Description  12A eFuse Circuit Protector
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24750RUVR Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS24750RUVR Datasheet HTML 7Page - Texas Instruments TPS24750RUVR Datasheet HTML 8Page - Texas Instruments TPS24750RUVR Datasheet HTML 9Page - Texas Instruments TPS24750RUVR Datasheet HTML 10Page - Texas Instruments TPS24750RUVR Datasheet HTML 11Page - Texas Instruments TPS24750RUVR Datasheet HTML 12Page - Texas Instruments TPS24750RUVR Datasheet HTML 13Page - Texas Instruments TPS24750RUVR Datasheet HTML 14Page - Texas Instruments TPS24750RUVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
2
2.5
3.5
4
5
-50
0
50
100
150
Temperature ( C)
o
3
4.5
0.5
0.55
0.7
0.75
0.9
-50
0
50
100
150
Temperature ( C)
o
0.65
0.85
0.8
0.6
9.7
9.8
9.9
10
10.1
10.2
10.3
10.4
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
0.8
1
1.2
1.4
1.6
50
0
50
100
150
Temperature (°C)
OV Upper Threshold
0.6
0.4
0.2
0
9.5
9.6
9.7
9.8
9.9
10
10.1
10.2
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
0.357
0.36
0.362
0.365
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 2.5 V
VCC
V
= 12 V
VCC
V
= 18 V
VCC
TPS24750, TPS24751
www.ti.com
SLVSC87A – OCTOBER 2013 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Figure 19. Timer Lower Threshold Voltage vs Temperature
Figure 20. Timer Sourcing Current vs Temperature at
at Various Input Voltages
Various Input Voltages
Figure 22. OV Threshold Voltage vs Temperature
Figure 21. Timer Sinking Current vs Temperature at Various
Input Voltages
Figure 24. Diode Drop vs Temperature
Figure 23. RDS(ON) vs Temperature
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS24750 TPS24751


Numéro de pièce similaire - TPS24750RUVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS24750RUVR TI1-TPS24750RUVR Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
More results

Description similaire - TPS24750RUVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS24750 TI1-TPS24750 Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
   Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
   Circuit Protector Elements
UNH0104 PANASONIC-UNH0104 Datasheet
38Kb / 2P
   Circuit Protector Elements
UNHZ202 PANASONIC-UNHZ202 Datasheet
65Kb / 3P
   Circuit Protector Elements
UNH0127 PANASONIC-UNH0127 Datasheet
35Kb / 2P
   Circuit Protector Elements
UNH0006 PANASONIC-UNH0006 Datasheet
51Kb / 2P
   Circuit Protector Elements
logo
NTE Electronics
NTE15005E NTE-NTE15005E Datasheet
22Kb / 2P
   Integrated Circuit Protector
NTE15005E NTE-NTE15005E_09 Datasheet
54Kb / 2P
   Integrated Circuit Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com