Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS24750 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS24750
Description  12A eFuse Circuit Protector
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24750 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS24750_15 Datasheet HTML 5Page - Texas Instruments TPS24750_15 Datasheet HTML 6Page - Texas Instruments TPS24750_15 Datasheet HTML 7Page - Texas Instruments TPS24750_15 Datasheet HTML 8Page - Texas Instruments TPS24750_15 Datasheet HTML 9Page - Texas Instruments TPS24750_15 Datasheet HTML 10Page - Texas Instruments TPS24750_15 Datasheet HTML 11Page - Texas Instruments TPS24750_15 Datasheet HTML 12Page - Texas Instruments TPS24750_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 12 V
VCC
2.20
2.24
2.28
2.32
2.36
UVLO Upper Threshold
UVLO Lower Threshold
0
0.4
0.8
1.2
1.6
1
50
0
50
100
150
Temperature (°C)
V
= 12 V
CC
1.4
0.6
0.2
EN Upper Threshold
1
3
4
5
6
7
0
4
8
12
16
20
Input Voltage, V
(V)
VCC
T = 25°C
T = 125°C
T = –40°C
0
0.4
0.8
1.2
1.6
2
–50
–20
10
40
70
100
130
Temperature (°C)
V
= 12 V
VCC
C = 10 nF
T
C = 4.7 nF
T
C = 1 nF
T
0
4
8
12
16
20
Input Voltage, V
(V)
VCC
8
12
16
20
24
28
32
T = 25°C
T = 125°C
T = –40°C
10
0
10
2
0
3
0
4
0
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
0.25
0.2
0.15
0.1
0.05
0
0.05
0.1
0.15
0.2
0.25
Time (µs)
V
= 3.3 V
VCC
V
(
)
VCC – SENSE
T = 125°C
T = –40°C
T = 25°C
TPS24750, TPS24751
www.ti.com
SLVSC87A – OCTOBER 2013 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
VVCC = VGATE = 3.3 V
Figure 7. Gate Current During Fast Trip,
Figure 8. Gate Voltage With Zero Gate Current vs Input
Voltage
Figure 10. Fault-Timer vs Temperature With Various TIMER
Figure 9. TIMER Activation Voltage Threshold vs Input
Capacitors
Voltage at Various Temperatures
Figure 11. EN Threshold Voltage vs Temperature
Figure 12. UVLO Threshold Voltage vs Temperature
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS24750 TPS24751


Numéro de pièce similaire - TPS24750_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS24750RUV TI1-TPS24750RUV Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
TPS24750RUVR TI1-TPS24750RUVR Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
TPS24750RUVT TI1-TPS24750RUVT Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
More results

Description similaire - TPS24750_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS24750 TI1-TPS24750 Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
   Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
   Circuit Protector Elements
UNH0104 PANASONIC-UNH0104 Datasheet
38Kb / 2P
   Circuit Protector Elements
UNHZ202 PANASONIC-UNHZ202 Datasheet
65Kb / 3P
   Circuit Protector Elements
UNH0127 PANASONIC-UNH0127 Datasheet
35Kb / 2P
   Circuit Protector Elements
UNH0006 PANASONIC-UNH0006 Datasheet
51Kb / 2P
   Circuit Protector Elements
logo
NTE Electronics
NTE15005E NTE-NTE15005E Datasheet
22Kb / 2P
   Integrated Circuit Protector
NTE15005E NTE-NTE15005E_09 Datasheet
54Kb / 2P
   Integrated Circuit Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com