Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3642TLX-LT Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM3642TLX-LT
Description  Synchronous Boost LED Flash Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3642TLX-LT Fiches technique(HTML) 5 Page - Texas Instruments

  LM3642TLX-LT Datasheet HTML 1Page - Texas Instruments LM3642TLX-LT Datasheet HTML 2Page - Texas Instruments LM3642TLX-LT Datasheet HTML 3Page - Texas Instruments LM3642TLX-LT Datasheet HTML 4Page - Texas Instruments LM3642TLX-LT Datasheet HTML 5Page - Texas Instruments LM3642TLX-LT Datasheet HTML 6Page - Texas Instruments LM3642TLX-LT Datasheet HTML 7Page - Texas Instruments LM3642TLX-LT Datasheet HTML 8Page - Texas Instruments LM3642TLX-LT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM3642
www.ti.com
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
MIN and MAX limits apply over the full operating ambient temperature range (
−40°C ≤ TA ≤ 85°C). Unless otherwise
specified, TA = 25°C, VIN = 3.6 V.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCE SPECIFICATIONS
1-A flash, VOUT = 4 V
–6%
1.04
6%
A
1.5-A flash, VOUT = 4 V
–8%
1.5
8%
A
ILED
Current source accuracy
24-mA torch, VOUT = 4 V
–10%
24
10%
mA
(LM3642-LT)
48.4 mA Torch, VOUT = 4 V
–10%
48.4
10%
mA
ILED = 1.5 A
Flash
275
12%
Current source regulation
VHR
mV
voltage
ILED = 24 mA/48.4 mA
Torch
150
15%
ON threshold
–2.8%
5
2.2%
Output overvoltage protection
VOVP
V
trip point
OFF threshold
–2.7%
4.88
2.3%
STEP-UP DC-DC CONVERTER SPECIFICATIONS
RPMOS
PMOS switch on-resistance
IPMOS = 1 A
120
m
RNMOS
NMOS switch on-resistance
INMOS = 1 A
90
–17%
1.6
15%
ICL
Input current limit
A
–17%
1.88
15%
Input voltage flash monitor trip
VIVFM
–3.2%
2.9
3.2%
V
threshold
UVLO
Undervoltage threhold
Falling VIN
–4%
2.8
4%
V
ƒSW
Switching frequency
–9%
4
9%
MHz
IQ
Quiescent supply current
Device not switching pass mode
0.75
mA
ISB
Standby supply current
Device disabled 2.5 V
≤ VIN ≤ 5.5 V
1.6
4
µA
Flash-to-torch LED current
TX low to high
tTX
4
µs
settling time
ILED = 1.5 A to 24 mA/48.4 mA
STROBE, TX VOLTAGE SPECIFICATIONS
VIL
Input logic low
2.5 V
≤ VIN ≤ 5.5 V
0
0.4
V
VIH
Input logic high
2.5 V
≤ VIN ≤ 5.5 V
1.2
VIN
I2C-COMPATIBLE INTERFACE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
2.5 V
≤ VIN ≤ 5.5 V
0
0.4
V
VIH
Input logic high
2.5 V
≤ VIN ≤ 4.2 V
1.2
VIN
VOL
Output logic low
ILOAD = 3 mA
400
mV
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum (Min) and Maximum (Max) limits are specified by design, test, or statistical analysis. Typical (Typ) numbers are not verified, but
do represent the most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6 V and TA = 25°C.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3642


Numéro de pièce similaire - LM3642TLX-LT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
More results

Description similaire - LM3642TLX-LT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com