Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ALPHA400 Fiches technique(PDF) 6 Page - DENSEI-LAMBDA

No de pièce ALPHA400
Description  Modular Watt Box Multi-Output Power Supplies 250W/400W/600W/800W/1250W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAMBDA [DENSEI-LAMBDA]
Site Internet  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ALPHA400 Fiches technique(HTML) 6 Page - DENSEI-LAMBDA

Back Button ALPHA400 Datasheet HTML 2Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 3Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 4Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 5Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 6Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 7Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 8Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 9Page - DENSEI-LAMBDA ALPHA400 Datasheet HTML 10Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Alpha400
Alpha600
Alpha800
185
Alpha 400/600/800 Common specification
1 NUMBER of SLOTS
5 Slots (7 channels max.)
5 Slots (7 channels max.)
7 Slots (14 channels max.)
2 INPUT VOLTAGE RANGE
85-265VAC(47-63Hz)
85-90VAC (required the output derating)
3 MAXIMUM TOTAL OUTPUT WATTAGE
400W
600W
800W(1000W peak)
4 INPUT CURRENT typ.
7A: 100VAC/3.5A: 200VAC at full load
10A: 100VAC/ 5A: 200VAC at full load
13A: 100VAC/ 6.5A: 200VAC at full load
5 INRUSH CURRENT
20A max.
30A max.
40A max.
6 HARMONICS CURRENT CONTROL
meet EN61000-3-2 (Harmonics current correction range: 85-255VAC)
7 POWER FACTOR typ.
0.99 (typ.): input 100VAC at full load / 0.95 (typ.): 230VAC at full load
8 EFFICIENCY (typ.)
75%: input 100/200VAC nominal outputs voltage at maximum total output power
9 MISSING CYCLE HOLD UP TIME (typ.)
minimum 16mS: input 100/200VAC nominal outputs voltage at maximum total output power
10 LEAKAGE CURRENT
maximum 0.95mA at full load
11 OPERATING AMBIENT TEMPERATURE
0~+60°C (0-50°C : 100%, +60°C : 75%)
12 OPERATING AMBIENT HUMIDITY
30~90%RH (no condensation)
13 STORAGE AMBIENT TEMPERATURE
-30~+85˚C
14 STORAGE AMBIENT HUMIDITY
10~95%RH (no condensation)
15 COOLING
Forced air cooling with internal fan
16 WITHSTAND VOLTAGE
input - FG 1.5kVAC for one minute (20mA): input - output 3kVAC for one minute (20mA)
17 INSULATION RESISTOR
minimum 100M ohm (output - FG 500VDC. 25˚C. 70%RH)
18 VIBRATION
Vibration cycles at 10-55Hz, sweep time for one minute, 19.6m/s
2 constant, X,Y,Z axis on each side for one hour with no input.
19 MECHANICAL SHOCK
maximum 196.1m/s
2
20 SAFETY STANDARDS
Approved by UL1950, CSA950 (C-UL), EN60950(SEMKO), EN60601-1, UL2601-1, meet DENTORI
21 CONDUCTED E.M.I.
meets EN55022-class A, meet VCCI-class A
22 RADIATED R.F.I.
meets EN55022-class A, VCCI-classA
23 NOISE IMMUNITY
meets EN61000-4-2 Level 4, EN61000-4-3 Level 3, EN61000-4-4 Level4 and EN61000-4-5 Level 3
24 WEIGHT (typ.)
2100g
2500g
3400g
25 SIZE (W x H x D)
126.5 x 63 x 274.5mm
126.5 x 63 x 318.5mm
175.5 x 63 x 279mm
Specifications (please read the instruction manual before design)
Alpha 400/600/800 Specification for Output Modules
Output Module name
A
B
C
D
E
F
G
H
M
N
P
Q
R
T
(*1) 100MHz (measured by the Japanese Standard EIAJ RC-9131)
(*2) Input Voltage 85 - 265VAC at constant load
(*3) no-load to full-load, at constant input voltage (when use the remote sensing, the level will be the same as the line regulation.)
(*4) Constant Current Auto-Reset (pre-set before shipment: fixed the limitation)
(*5) Shut Down method with Manual Reset (restart the input to be reset)
1. NUMBER of SLOTS
2111
1
2
2
1
11
1
122
2. RATED OUTPUT VOLTAGE
V
5
5
12
24
12
12
12
24
24
24
12
24
24
12
3.3
3.3
2
3. MAXIMUM OUTPUT CURRENT
A
60
25
16
888
33
25
558558
25
60
60
4. OUTPUT VOLTAGE RANGE
V
4.5
4.5
5.0
18.0
5.0
5.0
10.0 18.0 18.0 18.0
5.0
18.0 18.0
5.0
2.7
2.7
1.8
-5.5
-5.5 -15.0 -28.0 -15.0 -15.0 -15.0 -28.0 -28.0 -28.0 -15.0 -28.0 -28.0 -15.0
-3.9
-3.9
-2.4
5. MAXIMUM OUTPUT RIPPLE
mV 100
100
240
480
240
240
240
480
480
480
240
480
480
240
100
100
100
AND NOISE VOLTAGE
(*1) P-P
6. MAXIMUM LINE REGULATION
(*2) mV
25
25
60
72
60
60
60
72
72
72
60
72
72
60
25
25
25
7. MAXIMUM LOAD REGULATION (*3) mV 100
100
240
480
240
240
240
480
480
480
240
480
480
240
100
100
100
8. OVERLOAD CURRENT PROTECTION (*4)
A 63.0 26.3 16.8
8.4
8.4
8.4
34.6 26.2
5.2
5.2
8.4
5.2
5.2
8.4
26.3 63.0
63.0
-78.0 -32.5 -20.8 -10.4 -10.4 -10.4 -42.9 -32.5 -5.8
-5.8 -10.4 -5.8
-5.8 -10.4 -32.5 -78.0 -78.0
9. OVER VOLTAGE PROTECTION (*5)
V
6.3
6.3
16.2 32.4 16.2 16.2 16.2 32.4 32.4 32.4 16.2 32.4 32.4 16.2
4.1
4.1
2.71
-7.0
-7.0 -18.6 -37.2 -18.6 -18.6 -18.6 -37.2 -37.2 -37.2 -18.6 -37.2 -37.2 -18.6 -4.7
-4.7
-3.0
10. OPERATING AMBIENT TEMPERATURE
0~+60°C ( 0~+50°C : 100%, +60°C : 75% )
11. REMOTE SENSING
Available (without dual outputs module: E, H, P Module)
12. REMOTE ON/OFF CONTROL
Option I J: output inhibits on each output (TTL level)
OUTPUT INHIBIT CONTROL
MJ: output inhibits on all the outputs (TTL level)
13. SERIES OPERATION
Available (can be operated in series between each output of Output Module and dual Outputs Module)
14. PARALLEL OPERATION
Available (Please contact to Densei-Lambda before use in parallel operation of the Modules)
15. OUTPUT VOLTAGE MONITOR SIGNAL
Option
for I J Module: monitoring the output voltage up or down (TTL open collector)
16. INPUT VOLTAGE DETECTOR SIGNAL
Option
for M J Module: detecting the output of the active filter (TTL open collector)


Numéro de pièce similaire - ALPHA400

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ALPHA-7 ETC2-ALPHA-7 Datasheet
331Kb / 3P
   High grade mounting adhesive
ALPHA-8 ETC2-ALPHA-8 Datasheet
292Kb / 2P
   Various cable and connector options
ALPHA-RX ETC1-ALPHA-RX Datasheet
494Kb / 16P
   ALPHA RF MODULES
ALPHA-RX433S ETC1-ALPHA-RX433S Datasheet
494Kb / 16P
   ALPHA RF MODULES
ALPHA-RX915S ETC1-ALPHA-RX915S Datasheet
494Kb / 16P
   ALPHA RF MODULES
More results

Description similaire - ALPHA400

FabricantNo de pièceFiches techniqueDescription
logo
FSP TECHNOLOGY INC.
FSP250-H24-A FSP-FSP250-H24-A Datasheet
531Kb / 3P
   250W ITE Power Supplies
2022.04
logo
TDK Electronics
CUS250LD TDK-CUS250LD Datasheet
699Kb / 3P
   Single Output 250W Low Profi le Power Supplies
logo
Eutech Microelectronics...
EUP2683 EUTECH-EUP2683 Datasheet
1Mb / 1P
   Multi-Output Power Supplies
logo
MicroPower Direct, LLC
MPA800R MPD-MPA800R Datasheet
368Kb / 2P
   Industrial 800W Single Output Power Factor Corrected AC/DC Power Supplies
LDC-240 MPD-LDC-240 Datasheet
1Mb / 4P
   250W Output Power
logo
TDK Electronics
Z36-12-IEEE-U TDK-Z36-12-IEEE-U Datasheet
159Kb / 2P
   200 to 800W Programmable Power Supplies
logo
List of Unclassifed Man...
Z10-20-LAN-L-U ETC2-Z10-20-LAN-L-U Datasheet
159Kb / 1P
   200 to 800W Programmable Power Supplies
logo
TDK Electronics
Z10-20-U TDK-Z10-20-U Datasheet
159Kb / 2P
   200 to 800W Programmable Power Supplies
logo
Astrodyne Corporation
ANC ASTRODYNE-ANC Datasheet
252Kb / 3P
   15 Watt Ultraminiature Modular Switching Power Supplies
ASC ASTRODYNE-ASC Datasheet
254Kb / 3P
   30 Watt Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com