Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XZ1004-QT Fiches technique(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

No de pièce XZ1004-QT
Description  MoCA Compliant Front-End GaAs IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XZ1004-QT Fiches technique(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button XZ1004-QT Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XZ1004-QT Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XZ1004-QT Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XZ1004-QT Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XZ1004-QT Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XZ1004-QT Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. XZ1004-QT Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. XZ1004-QT Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. XZ1004-QT Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Front End GaAs IC
475 - 625 MHz
Rev. V3
XZ1004-QT
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
9
Gain_TX2
Gain_TX1
Typical Performance Curves Transmit Path (TX)
P1dB_TX2
P1dB_TX1
Output IP3_TX1
Output IP3_TX2
10
12
14
16
18
20
8
10
12
14
16
18
20
22
24
Output Power (dBm)
10
12
14
16
18
20
4
6
8
10
12
14
16
18
20
22
24
Output Power (dBm)
19
20
21
22
23
24
0.45
0.50
0.55
0.60
0.65
-40°C
+25°C
+85°C
Frequency (GHz)
19
20
21
22
23
24
0.45
0.50
0.55
0.60
0.65
-40°C
+25°C
+85°C
Frequency (GHz)
30
32
34
36
38
40
42
44
0.45
0.50
0.55
0.60
0.65
-40°C
+25°C
+85°C
Frequency (GHz)
30
32
34
36
38
40
42
44
0.45
0.50
0.55
0.60
0.65
-40°C
+25°C
+85°C
Frequency (GHz)
19
20
21
22
23
24
0.45
0.50
0.55
0.60
0.65
-40°C
+25°C
+85°C
Frequency (GHz)
19
20
21
22
23
24
0.45
0.50
0.55
0.60
0.65
-40°C
+25°C
+85°C
Frequency (GHz)


Numéro de pièce similaire - XZ1004-QT

FabricantNo de pièceFiches techniqueDescription
logo
Mimix Broadband
XZ1003-QT MIMIX-XZ1003-QT Datasheet
1Mb / 1P
   Hi-RF Front End IC
logo
M/A-COM Technology Solu...
XZ1003-QT MA-COM-XZ1003-QT Datasheet
102Kb / 1P
   Front End GaAs IC 775-1525 MHz Integrated PA Bias Control
XZ1003-QT-0G0T MA-COM-XZ1003-QT-0G0T Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
XZ1003-QT-EV1 MA-COM-XZ1003-QT-EV1 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
XZ1003-QT MA-COM-XZ1003-QT_15 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
More results

Description similaire - XZ1004-QT

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
XZ1003-QT MA-COM-XZ1003-QT_15 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
logo
List of Unclassifed Man...
U7001BG ETC1-U7001BG Datasheet
179Kb / 11P
   CT2 Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com