Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS657052YZHT Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS657052YZHT
Description  PMU for Embedded Camera Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS657052YZHT Fiches technique(HTML) 3 Page - Texas Instruments

  TPS657052YZHT Datasheet HTML 1Page - Texas Instruments TPS657052YZHT Datasheet HTML 2Page - Texas Instruments TPS657052YZHT Datasheet HTML 3Page - Texas Instruments TPS657052YZHT Datasheet HTML 4Page - Texas Instruments TPS657052YZHT Datasheet HTML 5Page - Texas Instruments TPS657052YZHT Datasheet HTML 6Page - Texas Instruments TPS657052YZHT Datasheet HTML 7Page - Texas Instruments TPS657052YZHT Datasheet HTML 8Page - Texas Instruments TPS657052YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2075um
VCC
AGND
VIN
LDO
VIN2
VIN1
EN2
EN1
L2
EN
LDO
PGND
2
PGND
1
FB2
FB1
L1
MODE
VLDO
D4
D3
D2
D1
C1
B1
A1
VCC
AGND
VIN
LDO
VIN2
VIN1
EN2
EN1
L2
EN
LDO
PGND
2
PGND
1
FB2
FB1
L1
MODE
VLDO
VCC
AGND
AGND
VIN
LDO
VIN2
VIN1
EN2
EN1
L2
EN
LDO
EN
LDO
PGND
2
PGND
1
FB2
FB1
L1
MODE
MODE
VLDO
VLDO
D4
D3
D2
D1
C1
B1
A1
2075um
VCC
AGND
VIN
LDO
VIN1
VIN2
EN1
EN2
L1
EN
LDO
PGND
1
PGND
2
FB1
FB2
L2
MODE
VLDO
D4
D3
D2
D1
B1
C1
A1
VCC
VCC
AGND
AGND
VIN
LDO
VIN1
VIN2
EN1
EN2
L1
EN
LDO
PGND
1
PGND
2
FB1
FB2
L2
MODE
VLDO
VLDO
D4
D3
D2
D1
B1
C1
A1
TPS657051, TPS657052
www.ti.com
SLVSA08A – FEBRUARY 2010 – REVISED SEPTEMBER 2015
5 Device Options
PART NO.(1)
SIZE FOR DSBGA VERSION
OPTIONS
I2C
DC-DC1 3.3 V FIX, DC-DC2 1.8 V FIX
D = 2076 µm ± 25 µm
TPS657051
DC-DC CONVERTERS 400 mA,
N/A
E = 2076 µm ± 25 µm
LDO VOUT 3 V FIX, 200 mA
DC-DC1 3.3 V FIX, DC-DC2 1.8 V FIX
D = 2076 µm ± 25 µm
TPS657052
DC-DC CONVERTERS 400 mA,
N/A
E = 2076 µm ± 25 µm
LDO VOUT 2.8 V FIX, 200 mA
(1)
For the most current package and ordering information, see the Mechanical, Packaging, and Orderable Information section at the end of
this document, or see the TI website at www.ti.com.
6 Pin Configuration and Functions
TPS657051 YZH Package
16-Pin DSBGA
Top View
TPS657052 YZH Package
16-Pin DSBGA
Top View
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS657051 TPS657052


Numéro de pièce similaire - TPS657052YZHT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS657052YZHT TI-TPS657052YZHT Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657052YZHT TI-TPS657052YZHT Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
More results

Description similaire - TPS657052YZHT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65708 TI1-TPS65708 Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051 TI-TPS657051 Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657052 TI-TPS657052_1 Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657095 TI1-TPS657095 Datasheet
820Kb / 41P
[Old version datasheet]   PMU for Embedded Camera Module
TPS65708 TI1-TPS65708_15 Datasheet
2Mb / 26P
[Old version datasheet]   PMU for Embedded Camera Module
logo
ALPS ELECTRIC CO.,LTD.
SCKA ALPS-SCKA Datasheet
112Kb / 3P
   Connector for CMOS Camera Module
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
   SPECIFICATION FOR CCD CAMERA MODULE
logo
Mitsumi Electronics, Co...
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
   Camera module
logo
Rohm
BD6039GU ROHM-BD6039GU Datasheet
619Kb / 25P
   Power Supply for CCD Camera Module
BD6029GU ROHM-BD6029GU_10 Datasheet
515Kb / 20P
   Power Supply for CCD Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com