Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62152QRGTRQ1 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62152QRGTRQ1
Description  Automotive Wide Input, Fixed 3V Output Voltage, 1A Step-Down Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62152QRGTRQ1 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS62152QRGTRQ1 Datasheet HTML 1Page - Texas Instruments TPS62152QRGTRQ1 Datasheet HTML 2Page - Texas Instruments TPS62152QRGTRQ1 Datasheet HTML 3Page - Texas Instruments TPS62152QRGTRQ1 Datasheet HTML 4Page - Texas Instruments TPS62152QRGTRQ1 Datasheet HTML 5Page - Texas Instruments TPS62152QRGTRQ1 Datasheet HTML 6Page - Texas Instruments TPS62152QRGTRQ1 Datasheet HTML 7Page - Texas Instruments TPS62152QRGTRQ1 Datasheet HTML 8Page - Texas Instruments TPS62152QRGTRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS62152-Q1
SLVSC52B – JULY 2013 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 17
8.1
Application Information............................................ 17
2
Applications ........................................................... 1
8.2
Typical Application .................................................. 17
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 22
4
Revision History..................................................... 2
10
Layout................................................................... 22
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 22
6
Specifications......................................................... 4
10.2
Layout Example .................................................... 23
6.1
Absolute Maximum Ratings ...................................... 4
10.3
Thermal Considerations ........................................ 23
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 24
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 24
6.4
Thermal Information .................................................. 4
11.2
Documentation Support ....................................... 24
6.5
Electrical Characteristics........................................... 5
11.3
Community Resource............................................ 24
6.6
Typical Characteristics .............................................. 6
11.4
Trademarks ........................................................... 24
7
Detailed Description ............................................ 11
11.5
Electrostatic Discharge Caution ............................ 24
7.1
Overview ................................................................. 11
11.6
Glossary ................................................................ 24
7.2
Functional Block Diagram ....................................... 11
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 12
Information ........................................................... 25
7.4
Device Functional Modes........................................ 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (July 2013) to Revision B
Page
Changed output voltage in the Features section.................................................................................................................... 1
Changed output voltage in second paragraph of the Description section.............................................................................. 1
Added the ESD Ratings table, Feature Description section, Programming section, Application and Implementation
section, Layout section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable
Information section ................................................................................................................................................................. 1
Changed the minimum supply voltage value from 3 to 4 in the Recommended Operating Conditions table ....................... 4
Added the capacitor and inductor parameters to the Recommended Operating Conditions table ........................................ 4
Changed the minimum input voltage value from 3 to 4 in the Electrical Characteristics table ............................................. 5
Deleted all references to the TPS62150-Q1 device and adjustable output versions ............................................................. 5
Changed the values of the output voltage range parameter in the Electrical Characteristics from 0.9 (min) and 6
(max) to 3.3 (typ) ................................................................................................................................................................... 5
Added inductor and capacitor values to some of the graphs in the Typical Characteristics section ..................................... 6
Deleted empty rows 0.47 µH and 4.7 µH and columns for 4.7 µF and 400 µF from the L-C Output Filter
Combinations table ............................................................................................................................................................... 18
Changes from Original (July 2013) to Revision A
Page
Device going from Product Preview to Production Data. ...................................................................................................... 1
Deleted TJ from Recommended Operating Conditions table. ................................................................................................ 4
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS62152-Q1


Numéro de pièce similaire - TPS62152QRGTRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62152QRGTRQ1 TI1-TPS62152QRGTRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
More results

Description similaire - TPS62152QRGTRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
   Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
   Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
   Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
   Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
   WIDE INPUT 3A STEP-DOWN CONVERTER
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
   WIDE INPUT 2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com