Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61130PWG4 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS61130PWG4
Description  Synchronous SEPIC and Flyback Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61130PWG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS61130PWG4 Datasheet HTML 5Page - Texas Instruments TPS61130PWG4 Datasheet HTML 6Page - Texas Instruments TPS61130PWG4 Datasheet HTML 7Page - Texas Instruments TPS61130PWG4 Datasheet HTML 8Page - Texas Instruments TPS61130PWG4 Datasheet HTML 9Page - Texas Instruments TPS61130PWG4 Datasheet HTML 10Page - Texas Instruments TPS61130PWG4 Datasheet HTML 11Page - Texas Instruments TPS61130PWG4 Datasheet HTML 12Page - Texas Instruments TPS61130PWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
SWN
C3
10 µF
Power
Supply
L1−A
22 µH
R1
R2
VBAT
VOUT
FB
R3
R6
LDOIN
R5
R4
LDOSENSE
LDOOUT
R7
R9
C6
2.2 µF
C4
100 µF
U1
LBO
PGOOD
PGND
LBI
SKIPEN
EN
LDOEN
GND
TPS6113xPW
ListofComponents:
U1= TPS6113xPW
L1=CoiltronicsDRQ74−220
C3,C5,C6,C7=X7R/X5RCeramic
C4=LowESR Tantalum
VCC1
SEPICOutput
VCC2
LDOOutput
Control
Outputs
C5
2.2 µF
SWP
C7
L1−B
22 µH
10 µF
TPS61130, TPS61131, TPS61132
www.ti.com
SLVS431C – JUNE 2002 – REVISED SEPTEMBER 2015
8 Parameter Measurement Information
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61130 TPS61131 TPS61132


Numéro de pièce similaire - TPS61130PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61130PW TI-TPS61130PW Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130PWR TI-TPS61130PWR Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
More results

Description similaire - TPS61130PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61130 TI-TPS61130 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Linear Technology
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
   Monolithic Flyback/SEPIC DC-DC Converter
logo
Linear Technology
LT8711 LINER-LT8711 Datasheet
266Kb / 8P
   Micropower Synchronous Sepic Converter
LT3958 LINER-LT3958_15 Datasheet
330Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com