Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61130PW Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61130PW
Description  Synchronous SEPIC and Flyback Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61130PW Fiches technique(HTML) 3 Page - Texas Instruments

  TPS61130PW Datasheet HTML 1Page - Texas Instruments TPS61130PW Datasheet HTML 2Page - Texas Instruments TPS61130PW Datasheet HTML 3Page - Texas Instruments TPS61130PW Datasheet HTML 4Page - Texas Instruments TPS61130PW Datasheet HTML 5Page - Texas Instruments TPS61130PW Datasheet HTML 6Page - Texas Instruments TPS61130PW Datasheet HTML 7Page - Texas Instruments TPS61130PW Datasheet HTML 8Page - Texas Instruments TPS61130PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
VBAT
LBI
SKIPEN
LDOSENSE
PGOOD
PGND
GND
LBO
Thermal
Pad
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SWP
SWN
PGND
VBAT
LBI
SKIPEN
EN
LDOEN
VOUT
FB
PGOOD
LBO
GND
LDOSENSE
LDOOUT
LDOIN
TPS61130, TPS61131, TPS61132
www.ti.com
SLVS431C – JUNE 2002 – REVISED SEPTEMBER 2015
5 Available Output Voltage Options
(1)
PART NUMBER(1)
OUTPUT VOLTAGE DC-DC
OUTPUT VOLTAGE LDO
TPS61130PW
Adjustable
Adjustable
TPS61131PW
3.3 V
3.3 V
TPS61132PW
3.3 V
1.5 V
TPS61130RSA
Adjustable
Adjustable
TPS61132RSA
3.3 V
1.5 V
(1)
Contact the factory to check availability of other fixed output voltage versions.
(1)
The packages are available taped and reeled. Add R suffix to device type (for example, TPS61130PWR or TPS61130RSAR) to order
quantities of 2000 devices per reel for the TSSOP (PW) package and 3000 devices per reel for the QFN (RSA) package.
6 Pin Configuration and Functions
PW Package
RSA Package
16-Pin TSSOP
16-Pin VQFN With Thermal Pad
Top View
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
TSSOP
VQFN
EN
7
5
I
DC-DC-enable input. (1/VBAT enabled, 0/GND disabled)
FB
15
13
I
DC-DC voltage feedback of adjustable versions
GND
12
10
Control/logic ground
LBI
5
3
I
Low battery comparator input (comparator enabled with EN)
LBO
13
11
O
Low battery comparator output (open drain)
LDOEN
8
6
I
LDO-enable input (1/LDOIN enabled, 0/GND disabled)
LDOOUT
10
8
O
LDO output
LDOIN
9
7
I
LDO input
LDO feedback for voltage adjustment, must be connected to LDOOUT at fixed output voltage
LDOSENSE
11
9
I
versions.
PGND
3
1
Power ground
PGOOD
14
12
O
DC-DC output power good (1:good, 0:failure) (open drain)
SKIPEN
6
4
I
Enable/disable power save mode (1/VBAT enabled, 0/GND disabled)
SWN
2
16
I
DC-DC switch input
SWP
1
15
I
DC-DC rectifying switch input
VBAT
4
2
I
Supply pin
VOUT
16
14
O
DC-DC output
Thermal Pad
Must be soldered to achieve appropriate power dissipation. Should be connected to PGND.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61130 TPS61131 TPS61132


Numéro de pièce similaire - TPS61130PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61130PW TI-TPS61130PW Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130PWR TI-TPS61130PWR Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
More results

Description similaire - TPS61130PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61130 TI-TPS61130 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Linear Technology
LT3958 LINER-LT3958 Datasheet
325Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
   Monolithic Flyback/SEPIC DC-DC Converter
logo
Linear Technology
LT8711 LINER-LT8711 Datasheet
266Kb / 8P
   Micropower Synchronous Sepic Converter
LT3958 LINER-LT3958_15 Datasheet
330Kb / 28P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Converter
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com