Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD16415Q5 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce CSD16415Q5
Description  25V N-Channel NexFET Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16415Q5 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button CSD16415Q5_15 Datasheet HTML 5Page - Texas Instruments CSD16415Q5_15 Datasheet HTML 6Page - Texas Instruments CSD16415Q5_15 Datasheet HTML 7Page - Texas Instruments CSD16415Q5_15 Datasheet HTML 8Page - Texas Instruments CSD16415Q5_15 Datasheet HTML 9Page - Texas Instruments CSD16415Q5_15 Datasheet HTML 10Page - Texas Instruments CSD16415Q5_15 Datasheet HTML 11Page - Texas Instruments CSD16415Q5_15 Datasheet HTML 12Page - Texas Instruments CSD16415Q5_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
F10
F6
F7
M0139-01
F1
CSD16415Q5
www.ti.com
SLPS259A – DECEMBER 2011 – REVISED SEPTEMBER 2015
7.2 Recommended PCB Pattern
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
F1
6.205
6.305
0.244
0.248
F2
4.460
4.560
0.176
0.180
F3
4.460
4.560
0.176
0.180
F4
0.650
0.700
0.026
0.028
F5
0.620
0.670
0.024
0.026
F6
0.630
0.680
0.025
0.027
F7
0.700
0.800
0.028
0.031
F8
0.650
0.700
0.026
0.028
F9
0.620
0.670
0.024
0.026
F10
4.900
5.000
0.193
0.197
F11
4.460
4.560
0.176
0.180
For recommended circuit layout for PCB designs, see Reducing Ringing Through PCB Layout Techniques
(SLPA005).
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD16415Q5


Numéro de pièce similaire - CSD16415Q5_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results

Description similaire - CSD16415Q5_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD16401Q5 TI1-CSD16401Q5_15 Datasheet
361Kb / 13P
[Old version datasheet]   25V N-Channel NexFET Power MOSFET
logo
Advanced Analogic Techn...
AAT7103 ANALOGICTECH-AAT7103 Datasheet
131Kb / 4P
   25V N-Channel Power MOSFET
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com