Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM1100 Fiches technique(PDF) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

No de pièce FM1100
Description  1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Site Internet  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

FM1100 Fiches technique(HTML) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  FM1100 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM1100 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM1100 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM1100 Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM1100 Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
High reliability test capabilities
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Thermal Shock
9. Forward Surge
10. Humidity
11. High Temperature Storage Life
at 260 5
for 10 2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =125 C for 168 hrs.
R
J
O
Rated average rectifier current at T =25 C for 500hrs.
A
O
T = 25 C, I = I
A
F
O
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
O
15P
at T =121 C for 4 hrs.
SIG
A
O
O
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
O
O
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
8.3ms single half sine-wave superimposed
on rated load, one surge.
O
at T =85 C, RH=85% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
±
C
±
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
JESD22-A102
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1021
MIL-STD-750D
METHOD-1031
Item Test
Conditions
Reference
FM120 THRU FM1200
2014-03 01版
http://www.microdiode.com


Numéro de pièce similaire - FM1100

FabricantNo de pièceFiches techniqueDescription
logo
Formosa MS
FM1100 FORMOSA-FM1100 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM1100 FORMOSA-FM1100 Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Rectron Semiconductor
FM1100 RECTRON-FM1100 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
logo
Formosa MS
FM1100-L FORMOSA-FM1100-L Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM1100-L FORMOSA-FM1100-L Datasheet
173Kb / 7P
   Chip Schottky Barrier Rectifier
More results

Description similaire - FM1100

FabricantNo de pièceFiches techniqueDescription
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
SS12 PACELEADER-SS12 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
E-CMOS Corporation
ECCSR120 E-CMOS-ECCSR120 Datasheet
307Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
   16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
   20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
   2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
PACELEADER INDUSTRIAL
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com