Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2061C Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2061C
Description  Current Limited, Power-Distribution Switches
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2061C Fiches technique(HTML) 2 Page - Texas Instruments

  TPS2061C Datasheet HTML 1Page - Texas Instruments TPS2061C Datasheet HTML 2Page - Texas Instruments TPS2061C Datasheet HTML 3Page - Texas Instruments TPS2061C Datasheet HTML 4Page - Texas Instruments TPS2061C Datasheet HTML 5Page - Texas Instruments TPS2061C Datasheet HTML 6Page - Texas Instruments TPS2061C Datasheet HTML 7Page - Texas Instruments TPS2061C Datasheet HTML 8Page - Texas Instruments TPS2061C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information: SOT-23 ................................... 6
7.5
Thermal Information: MSOP-PowerPAD .................. 6
7.6
Electrical Characteristics: TJ = TA = 25°C................. 7
7.7
Electrical Characteristics: –40°C
≤ TJ ≤ 125°C......... 8
7.8
Timing Requirements: TJ = TA = 25°C...................... 9
7.9
Typical Characteristics ............................................ 11
8
Detailed Description ............................................ 14
8.1
Overview ................................................................. 14
8.2
Functional Block Diagram ....................................... 14
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 16
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
9.2
Typical Application ................................................. 17
10
Power Supply Recommendations ..................... 21
11
Layout................................................................... 22
11.1
Layout Guidelines ................................................. 22
11.2
Layout Example .................................................... 22
11.3
Power Dissipation and Junction Temperature ...... 22
12
Device and Documentation Support ................. 25
12.1
Related Links ........................................................ 25
12.2
Community Resources.......................................... 25
12.3
Trademarks ........................................................... 25
12.4
Electrostatic Discharge Caution ............................ 25
12.5
Glossary ................................................................ 25
13
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (July 2013) to Revision H
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Deleted Devices table (previously Table 1) ........................................................................................................................... 4
Changes from Revision F (August 2012) to Revision G
Page
Deleted (See Table 1) from Feature: UL Listed and CB-File No. E169910 ........................................................................... 1
Changed From: PXKI To: PYKI in the DEVICE INFORMATION table SOT23-5 (DBV) column (TPS2069C) ...................... 4
Deleted Note 2 from : "UL listed and CB complete"............................................................................................................... 4
Changes from Revision E (April 2012) to Revision F
Page
Added device TPS20xxC-2 ................................................................................................................................................... 1
Changed Feature From: Ouput Discharge When TPS20XXC is Disabled To: Selected parts with (TPS20xxC) and
without (TPS20xxC-2) Output Discharge ............................................................................................................................... 1
Added devices TPS2041C, TPS2061C, TPS2065C-2, TPS2068C, and TPS2069C-2 to the Device Information table ....... 4
Added the TPS2069C-2 Device ............................................................................................................................................. 4
Added PXKI in the DEVICE INFORMATION table SOT23-5 (DBV) column (TPS2069C) .................................................... 4
Added devices TPS2041C, TPS2061C, TPS2065C-2, TPS2068C, and TPS2069C-2 to and removed Product Preview.... 4
Added Note 1 to the RECOMMENDED OPERATING CONDITIONS table........................................................................... 6
Added TPS2041C, TPS2061C, TPS2068C, TPS2065C-2 and TPS2069C-2 devices to IOUT in the RECOMMENDED
OPERATING CONDITIONS table .......................................................................................................................................... 6
Added the DBV option to Power Switch RDS(on) 1.5 A rated output, 25°C mΩ ....................................................................... 7
Added the DBV option to Power Switch RDS(on) 1.5 A rated output ....................................................................................... 7
Changed ISO Current Limit ..................................................................................................................................................... 7


Numéro de pièce similaire - TPS2061C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2061CDBVR TI-TPS2061CDBVR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2061CDGNR TI-TPS2061CDGNR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS2061C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com