Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4732A Fiches technique(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

No de pièce 1N4732A
Description  Low zener impedance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Site Internet  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

1N4732A Fiches technique(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  1N4732A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N4732A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 1N4732A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N47-SERIES
ZENER DIODES
Zener Voltage: 3.3-100V Peak Pulse Power: 1.0W
Case: JEDEC DO-41(GLASS) molded glass body
Terminals: Plated axial leads, solderable per MIL-STD 750,
method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce,0.35 grams
FEATURE
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
C
Zener Current see Table Characteristics
Power Dissipation at Tamb=25 C(Note 1)
Junction Temperature
Storage Temperature Range
Thermal resistance junction ambient(Note 1)
Forward voltage at IF=200mA
SYMBOLS
UNITS
VALUE
mW
C/W
V
Ratings at 25 C ambient temperature unless otherwise specified.
Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Ptot
Tj
TSTG
RθJA
VF
C
1000
200
-65 to + 200
170
1.2
Low zener impedance
Low regulation factor
Glass passivated junction
High temperature soldering guaranteed:
260 C/10S/9.5mm lead length at 5 lbs tension
0.107(2.7)
0.080(2.0)
0.028(0.72)
0.026(0.65)
0.217 (5.51)
0.160(4.06)
1.10(27.9)
MIN.
Dimensions in inches and (millimeters)
DO-41(GLASS)
1.10(27.9)
MIN.
MDD Catalog Number


Numéro de pièce similaire - 1N4732A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1N4732A PHILIPS-1N4732A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4732A VISHAY-1N4732A Datasheet
96Kb / 5P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
Chongqing Pingwei Enter...
1N4732A CHONGQING-1N4732A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Rugao Dachang Electroni...
1N4732A DACHANG-1N4732A Datasheet
121Kb / 2P
   High stability and high reliability
logo
List of Unclassifed Man...
1N4732A ETC1-1N4732A Datasheet
16Kb / 1P
   Zener Diodes
More results

Description similaire - 1N4732A

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
SA5.0A JIEJIE-SA5.0A Datasheet
216Kb / 5P
   Low zener impedance
logo
Microdiode Electronics ...
BZX55C CHENDA-BZX55C Datasheet
695Kb / 3P
   Low zener impedance
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Gaomi Xinghe Electronic...
1N4727 GXELECTRONICS-1N4727 Datasheet
1Mb / 5P
   Small current low zener impedance
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com