Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2000C Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS2000C
Description  Current Limited, Power-Distribution Switches
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2000C Fiches technique(HTML) 4 Page - Texas Instruments

  TPS2000C_16 Datasheet HTML 1Page - Texas Instruments TPS2000C_16 Datasheet HTML 2Page - Texas Instruments TPS2000C_16 Datasheet HTML 3Page - Texas Instruments TPS2000C_16 Datasheet HTML 4Page - Texas Instruments TPS2000C_16 Datasheet HTML 5Page - Texas Instruments TPS2000C_16 Datasheet HTML 6Page - Texas Instruments TPS2000C_16 Datasheet HTML 7Page - Texas Instruments TPS2000C_16 Datasheet HTML 8Page - Texas Instruments TPS2000C_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
GND
8
OUT
2
IN
7
OUT
3
IN
6
OUT
4
EN/EN
5
FLT
1
GND
8
OUT
2
IN
7
OUT
3
IN
6
OUT
4
EN/EN
5
FLT
PowerPAD
4
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPS2000C TPS2001C TPS2041C TPS2051C TPS2061C TPS2065C TPS2065C-2 TPS2068C
TPS2069C TPS2069C-2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For the most current packaging and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
"–" indicates the device is not available in this package.
5 Device Comparison Table
MAXIMUM
OPERATING
CURRENT
OUTPUT
DISCHARGE
ENABLE
BASE PART
NUMBER
PACKAGED DEVICE AND MARKING(1)
MSOP-8 (DGN)
PowerPAD™
SOT23-5
(DBV)
VSSOP-8
(DGK)
0.5
Y
Low
TPS2041C
(2)
PYJI
0.5
Y
High
TPS2051C
VBYQ
1
Y
Low
TPS2061C
PXMI
PXLI
1
Y
High
TPS2065C
VCAQ
VCAQ
1
N
High
TPS2065C-2
PYRI
PYQI
1.5
Y
Low
TPS2068C
PXNI
1.5
Y
High
TPS2069C
VBUQ
PYKI
1.5
N
High
TPS2069C-2
PYSI
2
Y
Low
TPS2000C
BCMS
PXFI
2
Y
High
TPS2001C
VBWQ
PXGI
6 Pin Configuration and Functions
DGN Package
8-Pin MSOP-PowerPAD
Top View
DGK Package
8-Pin VSSOP
Top View
Pin Functions - 8 Pins
PIN
I/O
DESCRIPTION
NAME
NO.
EN/EN
4
I
Enable input, logic high turns on power switch
FLT
5
O
Active-low open-drain output, asserted during overcurrent, or overtemperature conditions
GND
1
Ground connection
IN
2, 3
PWR
Input voltage and power-switch drain; connect a 0.1-µF or greater ceramic capacitor from IN to
GND close to the IC
OUT
6, 7, 8
PWR
Power-switch output, connect to load
PowerPAD
(DGN Only)
PowerPAD
Internally connected to GND. Connect PAD to GND plane as a heatsink for the best thermal
performance. PAD may be left floating if desired. See Power Dissipation and Junction
Temperature for guidance.


Numéro de pièce similaire - TPS2000C_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2000CDGK TI1-TPS2000CDGK Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2000CDGKR TI-TPS2000CDGKR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2000CDGKR TI1-TPS2000CDGKR Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2000CDGN TI1-TPS2000CDGN Datasheet
1Mb / 26P
[Old version datasheet]   Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
TPS2000CDGN TI1-TPS2000CDGN Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS2000C_16

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com