Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3710 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3710
Description  Wide VIN Voltage Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3710 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS3710 Datasheet HTML 4Page - Texas Instruments TPS3710 Datasheet HTML 5Page - Texas Instruments TPS3710 Datasheet HTML 6Page - Texas Instruments TPS3710 Datasheet HTML 7Page - Texas Instruments TPS3710 Datasheet HTML 8Page - Texas Instruments TPS3710 Datasheet HTML 9Page - Texas Instruments TPS3710 Datasheet HTML 10Page - Texas Instruments TPS3710 Datasheet HTML 11Page - Texas Instruments TPS3710 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
2
4
6
8
10
12
TJ = -40°C
TJ = 0°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
Output Sink Current (mA)
0
4
8
12
16
20
24
28
32
36
40
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VDD = 1.8 V
VDD = 5 V
VDD = 18 V
TPS3710
SBVS271 – OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
at TJ = 25°C and VDD = 5 V (unless otherwise noted)
Figure 9. Output Voltage Low (VOL) vs
Figure 8. Supply Current (IDD) vs
Output Sink Current (–40°C)
Output Sink Current
Figure 10. Output Voltage Low (VOL) vs
Figure 11. Output Voltage Low (VOL) vs
Output Sink Current (0°C)
Output Sink Current (25°C)
Figure 12. Output Voltage Low (VOL) vs
Figure 13. Output Voltage Low (VOL) vs
Output Sink Current (85°C)
Output Sink Current (125°C)
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3710


Numéro de pièce similaire - TPS3710

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710QDSERQ1 TI1-TPS3710QDSERQ1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
More results

Description similaire - TPS3710

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS38A-Q1 TI-TPS38A-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
[Old version datasheet]   Wide VIN 1.5-A Fixed Voltage Regulator
logo
ON Semiconductor
NCP4672 ONSEMI-NCP4672 Datasheet
63Kb / 8P
   Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
February, 2004 ??Rev. 4
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com