Moteur de recherche de fiches techniques de composants électroniques |
|
LM74670-Q1 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
LM74670-Q1 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 26 page Current (A) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 10 20 30 40 50 60 70 80 90 100 D005 -40qC 25qC 85qC 125qC Current (A) 0 1 2 3 4 5 6 7 8 9 10 -20 0 20 40 60 80 100 D004 -40qC 25qC 85qC 125qC Temperature (°C) -40 -20 0 20 40 60 80 100 120 140 2 2.25 2.5 2.75 3 3.25 D009 Temperature (qC) -40 -20 0 20 40 60 80 100 120 140 5 5.25 5.5 5.75 6 6.25 6.5 D003 VCAP H VCAP L Temperature (qC) -40 -20 0 20 40 60 80 100 120 140 50 100 150 200 250 300 D001 V_Reverse = 13.5 V V_Reverse = 37 V Temperature (qC) -40 -20 0 20 40 60 80 100 120 140 0.435 0.44 0.445 0.45 0.455 0.46 0.465 D002 LM74670-Q1 SNOSD08A – SEPTEMBER 2015 – REVISED OCTOBER 2015 www.ti.com 6.6 Typical Characteristics Figure 2. Reverse Leakage at Negative Voltages Figure 3. Anode to Cathode Startup Voltage Figure 4. Reverse Recovery Time (TRecovery) Figure 5. VcapH and VcapL Voltage Threshold Figure 6. Duty Cycle of the Output Voltage at Startup Figure 7. Duty Cycle of the Output Voltage 6 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Product Folder Links: LM74670-Q1 |
Numéro de pièce similaire - LM74670-Q1 |
|
Description similaire - LM74670-Q1 |