Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS74701DRCRG4 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS74701DRCRG4
Description  500-mA Low-Dropout Linear Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74701DRCRG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS74701DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS74701DRCRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPS74701
SBVS099G – NOVEMBER 2007 – REVISED OCTOBER 2015
www.ti.com
6.5 Electrical Characteristics
At VEN = 1.1 V, VIN = VOUT + 0.3V, CBIAS = 0.1 μF, CIN = COUT = 10 μF, CNR = 1 nF, IOUT = 50 mA, VBIAS = 5 V, and TJ = –40°C
to 125°C, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
VOUT + VDO
5.5
V
VBIAS
Bias pin voltage range
2.7
5.5
V
Internal reference
VREF
TJ = 25°C
0.796
0.8
0.804
V
(Adjustable)
Output voltage range
VIN = 5 V, IOUT = 500 mA
VREF
3.6
V
VOUT
2.97 V
≤ VBIAS ≤ 5.5 V,
Accuracy(1)
–2%
±0.5%
2%
50 mA
≤ IOUT ≤ 500 mA
VOUT/VIN
Line regulation
VOUT (NOM) + 0.3 ≤ VIN ≤ 5.5 V
0.03
%/V
VOUT/IOUT
Load regulation
50 mA
≤ IOUT ≤ 500 mA
0.09
%/A
IOUT = 500 mA,
VIN dropout voltage
(2)
50
120
mV
VBIAS – VOUT (NOM) ≥ 1.62 V
(3)
VDO
VBIAS dropout voltage
(2)
IOUT = 500 mA, VIN = VBIAS
1.31
1.39
V
ICL
Current limit
VOUT = 80% × VOUT (NOM)
800
1350
mA
IBIAS
Bias pin current
1
2
mA
Shutdown supply current
ISHDN
VEN ≤ 0.4 V
1
50
μA
(IGND)
IFB
Feedback pin current
–1
0.150
1
μA
1 kHz, IOUT = 500 mA,
60
VIN = 1.8 V, VOUT = 1.5 V
Power-supply rejection
dB
(VIN to VOUT)
300 kHz, IOUT = 500 mA,
30
VIN = 1.8 V, VOUT = 1.5 V
PSRR
1 kHz, IOUT = 500 mA,
50
VIN = 1.8 V, VOUT = 1.5 V
Power-supply rejection
dB
(VBIAS to VOUT)
300 kHz, IOUT = 500 mA,
30
VIN = 1.8 V, VOUT = 1.5 V
100 Hz to 100 kHz,
Noise
Output noise voltage
25 × VOUT
μVRMS
IOUT = 500 mA, CSS = 0.001 μF
tSTR
Minimum start-up time
RLOAD for IOUT = 1 A, CSS = open
200
μs
ISS
Soft-start charging current
VSS = 0.4 V
440
nA
VEN, HI
Enable input high level
1.1
5.5
V
VEN, LO
Enable input low level
0
0.4
V
VEN, HYS
Enable pin hysteresis
50
mV
VEN, DG
Enable pin deglitch time
20
μs
IEN
Enable pin current
VEN = 5 V
0.1
1
μA
VIT
PG trip threshold
VOUT decreasing
85
90
94
%VOUT
VHYS
PG trip hysteresis
3
%VOUT
VPG, LO
PG output low voltage
IPG = 1 mA (sinking), VOUT < VIT
0.3
V
IPG, LKG
PG leakage current
VPG = 5.25 V, VOUT > VIT
0.1
1
μA
Operating junction
TJ
–40
125
°C
temperature
Shutdown, temperature increasing
165
Thermal shutdown
TSD
°C
temperature
Reset, temperature decreasing
140
(1)
Adjustable devices tested at 0.8 V; resistor tolerance is not taken into account.
(2)
Dropout is defined as the voltage from VIN to VOUT when VOUT is 3% less than nominal.
(3)
1.62 V is a test condition of this device and can be adjusted by referring to Figure 6.
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS74701


Numéro de pièce similaire - TPS74701DRCRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI-TPS74701DRCRG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCRG4 TI-TPS74701DRCRG4 Datasheet
2Mb / 38P
[Old version datasheet]   TPS74701 500-mA, Low-Dropout Linear Regulator With Programmable Soft-Start
REVISED APRIL 2023
More results

Description similaire - TPS74701DRCRG4

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
   500 mA, high performance low dropout linear regulator
Rev 4 - September 2021
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com