Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3711 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3711
Description  36V Voltage Detector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3711 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS3711 Datasheet HTML 3Page - Texas Instruments TPS3711 Datasheet HTML 4Page - Texas Instruments TPS3711 Datasheet HTML 5Page - Texas Instruments TPS3711 Datasheet HTML 6Page - Texas Instruments TPS3711 Datasheet HTML 7Page - Texas Instruments TPS3711 Datasheet HTML 8Page - Texas Instruments TPS3711 Datasheet HTML 9Page - Texas Instruments TPS3711 Datasheet HTML 10Page - Texas Instruments TPS3711 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
VIT+ Threshold (mV)
0
500
1000
1500
2000
2500
3000
3500
VIT- Threshold (mV)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
404
404.5
405
405.5
406
406.5
407
407.5
408
408.5
409
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
399
399.1
399.2
399.3
399.4
399.5
399.6
399.7
399.8
399.9
400
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
0
1
2
3
4
5
6
7
8
9
10
TJ = -40°C
TJ = 0°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
Overdrive (%)
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
7
8
9
10
TPS3711
www.ti.com
SBVS272 – NOVEMBER 2015
6.7 Typical Characteristics
at TJ = 25°C and VDD = 12 V (unless otherwise noted)
VDD = 24 V, minimum pulse duration required to trigger output
high-to-low transition, SENSE = negative spike below VIT–
Figure 3. Minimum Pulse Duration vs
Figure 2. Supply Current vs Supply Voltage
Threshold Overdrive Voltage
Figure 4. SENSE Positive Input Threshold Voltage (VIT+) vs
Figure 5. SENSE Negative Input Threshold Voltage (VIT–) vs
Temperature
Temperature
VDD = 1.8 V
VDD = 1.8 V
Figure 6. SENSE Positive Input Threshold Voltage (VIT+)
Figure 7. SENSE Negative Input Threshold Voltage (VIT–)
Distribution
Distribution
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS3711


Numéro de pièce similaire - TPS3711

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710 TI1-TPS3710 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DDCR TI1-TPS3710DDCR Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DDCT TI1-TPS3710DDCT Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
More results

Description similaire - TPS3711

FabricantNo de pièceFiches techniqueDescription
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
   36V INPUT VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com