Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2651MTCX-ADJ Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LM2651MTCX-ADJ
Description  1.5 A High-Efficiency Synchronous Switching Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651MTCX-ADJ Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM2651MTCX-ADJ Datasheet HTML 2Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 3Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 4Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 5Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 6Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 7Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 8Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 9Page - Texas Instruments LM2651MTCX-ADJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LM2651
SNVS032E – FEBRUARY 2000 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
specifications are TJ = 25°C and VIN = 10 V (unless otherwise specified)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
High-Side or low-side switch on
resistance (MOSFET on
RSW(ON)
ISWITCH = 1 A
110
m
Ω
resistance + bonding wire
resistance)
TJ = 25°C
75
MOSFET on resistance (high-
Over full operating
RDS(ON)
ISWITCH = 1 A
m
Ω
side or low-side)
junction temperature
130
range
Switch leakage current - high
130
side
IL
nA
Switch leakage current - low
130
side
TJ = 25°C
6.45
6.75
6.95
Over full operating
VBOOT
Bootstrap regulator voltage
IBOOT = 1 mA
V
junction temperature
6.4
7
range
GM
Error amplifier transconductance
1250
µmho
TJ = 25°C
3.8
VIN undervoltage lockout
Over full operating
VINUV
Rising edge
V
threshold voltage
junction temperature
3.95
range
Hysteresis for the undervoltage
VUV-HYST
210
mV
lockout
TJ = 25°C
2
Over full operating
ICL
Switch current limit
VIN = 5 V
A
junction temperature
1.55
2.6
range
ISM
Sleep mode threshold current
VIN = 5 V
100
mA
AV
Error amplifier voltage gain
100
V/V
TJ = 25°C
25
40
IEA_SOURCE Error amplifier source current
µA
Over full operating junction temperature range
15
TJ = 25°C
65
IEA_SINK
Error amplifier sink current
µA
Over full operating junction temperature range
30
TJ = 25°C
2.5
2.7
Error amplifier output swing
VEAH
V
upper limit
Over full operating junction temperature range
2.4
TJ = 25°C
1.25
1.35
Error amplifier output swing
VEAL
V
lower limit
Over full operating junction temperature range
1.5
VD
Body diode voltage
IDIODE = 1.5 A
1
V
TJ = 25°C
280
300
330
Over full operating
fOSC
Oscillator frequency
VIN = 4 V
kHz
junction temperature
255
345
range
TJ = 25°C
95%
Over full operating
DMAX
Maximum duty cycle
VIN = 4 V
junction temperature
92%
range
TJ = 25°C
11
Voltage at the SS pin Over full operating
ISS
Soft-Start current
µA
= 1.4 V
junction temperature
7
14
range
6
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM2651


Numéro de pièce similaire - LM2651MTCX-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2651MTCX-ADJ NSC-LM2651MTCX-ADJ Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTCX-ADJ NSC-LM2651MTCX-ADJ Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Description similaire - LM2651MTCX-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
ON Semiconductor
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
   1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com