Moteur de recherche de fiches techniques de composants électroniques |
|
ADC08100CIMTX Fiches technique(PDF) 2 Page - National Semiconductor (TI) |
|
|
ADC08100CIMTX Fiches technique(HTML) 2 Page - National Semiconductor (TI) |
2 / 19 page Ordering Information ADC08100CIMT TSSOP ADC08100CIMTX TSSOP (tape and reel) Block Diagram 10137102 Pin Descriptions and Equivalent Circuits Pin No. Symbol Equivalent Circuit Description 6V IN Analog signal input. Conversion range is V RB to VRT. 3V RT Analog Input that is the high (top) side of the reference ladder of the ADC. Nominal range is 1.0V to V A. Voltage on V RT and VRB inputs define the VIN conversion range. Bypass well. See Section 2.0 for more information. 9V RM Mid-point of the reference ladder. This pin should be bypassed to a clean, quiet point in the analog ground plane with a 0.1 µF capacitor. 10 V RB Analog Input that is the low side (bottom) of the reference ladder of the ADC. Nominal range is 0.0V to (V RT – 1.0V). Voltage on VRT and VRB inputs define the V IN conversion range. Bypass well. See Section 2.0 for more information. www.national.com 2 |
Numéro de pièce similaire - ADC08100CIMTX |
|
Description similaire - ADC08100CIMTX |