Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1046F Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TPD1046F
Description  2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1046F Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button TPD1046F_13 Datasheet HTML 3Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 4Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 5Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 6Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 7Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 8Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 9Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 10Page - Toshiba Semiconductor TPD1046F_13 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TPD1046F
2013-12-26
9
rth(ch-a)-tw
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
パルス幅 tw (s)
(1)
(2)
(3)
(4)
(1)Mounted on glass epoxy board(a) 1device operation
(2)Mounted on glass epoxy board(a) 2device operation
(per device)
(3)Mounted on glass epoxy board(b) 1device operation
(4)Mounted on glass epoxy board(b) 2device operation
(per device)
Measuring single pulse,Ta=25℃
PD-Ta
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
120 140
160
周囲温度 Ta (℃)
(1)
(2)
(3)
(4)
TOT-VIN
0
20
40
60
80
100
120
140
160
180
200
220
240
0
12
3
45
67
8
入力電圧 VIN (V)
VDD=13V
TOT(1) VIN
Input voltage VIN (V)
PD Ta
Ambient temperature Ta (°C)
rth(ch-a) tW
Pulse width tW (s)
VDD = 13V
(1)Mounted on glass epoxy board(a) 1 device operation
(2)Mounted on glass epoxy board(a) 2 devices operation
(per device)
(3)Mounted on glass epoxy board(b) 1 device operation
(4)Mounted on glass epoxy board(b) 2 devices operation
(per device)
(1)Mounted on glass epoxy board(a) 1 device operation
(2)Mounted on glass epoxy board(a) 2 devices operation
(per device)
(3)Mounted on glass epoxy board(b) 1 device operation
(4)Mounted on glass epoxy board(b) 2 devices operation
(per device)
Measureing single pulse, Ta = 25 °C


Numéro de pièce similaire - TPD1046F_13

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
More results

Description similaire - TPD1046F_13

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD1032F TOSHIBA-TPD1032F_13 Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1032F TOSHIBA-TPD1032F Datasheet
199Kb / 7P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1046F TOSHIBA-TPD1046F Datasheet
283Kb / 11P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_13 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F_07 Datasheet
175Kb / 6P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1030F TOSHIBA-TPD1030F Datasheet
112Kb / 5P
   2-IN-1 Low-Side Switch for Motor, Solenoid and Lamp Drive
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com