Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC-162 Fiches technique(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

No de pièce AMC-162
Description  Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AMC-162 Fiches technique(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  AMC-162 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AMC-162 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AMC-162 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AMC-162 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Low Noise Amplifier, 12.5 dB Gain,
10 - 100 MHz
Rev. V5
AM- / AMC- / AMS-162
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Numéro de pièce similaire - AMC-162

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AMC-162 MACOM-AMC-162 Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AMC-162 MA-COM-AMC-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AMC-162SMA MACOM-AMC-162SMA Datasheet
239Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AMC-162SMA MACOM-AMC-162SMA Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AMC-162SMA MA-COM-AMC-162SMA Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results

Description similaire - AMC-162

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AMC-AMS-162 MACOM-AMC-AMS-162 Datasheet
239Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-162 MA-COM-AM-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-AMC-AMS-162 MA-COM-AM-AMC-AMS-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain,
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-AMC-142 MACOM-AM-AMC-142 Datasheet
221Kb / 3P
   Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com