Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A4533DCQR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A4533DCQR
Description  Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4533DCQR Fiches technique(HTML) 3 Page - Texas Instruments

  TPS7A4533DCQR Datasheet HTML 1Page - Texas Instruments TPS7A4533DCQR Datasheet HTML 2Page - Texas Instruments TPS7A4533DCQR Datasheet HTML 3Page - Texas Instruments TPS7A4533DCQR Datasheet HTML 4Page - Texas Instruments TPS7A4533DCQR Datasheet HTML 5Page - Texas Instruments TPS7A4533DCQR Datasheet HTML 6Page - Texas Instruments TPS7A4533DCQR Datasheet HTML 7Page - Texas Instruments TPS7A4533DCQR Datasheet HTML 8Page - Texas Instruments TPS7A4533DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
3
2
GND
IN
SHDN
SENSE/ADJ
OUT
5
4
1
3
2
GND
IN
SHDN
SENSE/ADJ
OUT
5
4
6
TPS7A4501, TPS7A4515, TPS7A4518, TPS7A4525, TPS7A4533
www.ti.com
SLVS720F – JUNE 2008 – REVISED NOVEMBER 2015
5 Device Comparison Table
DEVICE
OUTPUT VOLTAGE
PIN 5
TPS7A4501
Adjustable
ADJ
TPS7A4515
1.5 V
SENSE
TPS7A4518
1.8 V
SENSE
TPS7A4525
2.5 V
SENSE
TPS7A4533
3.3 V
SENSE
6 Pin Configuration and Functions
DCQ Package
KTT Package
6-Pin SOT-223
6-Pin TO-263
Top View
Top View
Pin Functions
PIN
DESCRIPTION
NO.
NAME
Shutdown. SHDN is used to put the TPS7A45xx regulators into a low-power shutdown state. The output is off
when SHDN is pulled low. SHDN can be driven by 5-V logic, 3-V logic or open-collector logic with a pullup
1
SHDN
resistor. The pullup resistor is required to supply the pullup current of the open-collector gate, normally several
microamperes, and SHDN current, typically 3
μA. If unused, SHDN must be connected to VIN. The device is in
the low-power shutdown state if SHDN is not connected.
Input. Power is supplied to the device through IN. A bypass capacitor is required on this pin if the device is more
than six inches away from the main input filter capacitor. In general, the output impedance of a battery rises with
frequency, so it is advisable to include a bypass capacitor in battery-powered circuits. A bypass capacitor
(ceramic) in the range of 1
μF to 10 μF is sufficient. The TPS7A45xx regulators are designed to withstand
2
IN
reverse voltages on IN with respect to ground and on OUT. In the case of a reverse input, which can happen if a
battery is plugged in backwards, the device acts as if there is a diode in series with its input. There is no reverse
current flow into the regulator, and no reverse voltage appears at the load. The device protects both itself and
the load.
Ground.
3
GND
For the KTT package, the exposed thermal pad is connected to GND and must be soldered to the PCB for rated
thermal performance.
Output. The output supplies power to the load. A minimum output capacitor (ceramic) of 10
μF is required to
4
OUT
prevent oscillations. Larger output capacitors are required for applications with large transient loads to limit peak
voltage transients.
Adjust. For the adjustable version only (TPS7A4501), this is the input to the error amplifier. ADJ is internally
5
ADJ
clamped to ±7 V. It has a bias current of 3
μA that flows into the pin. ADJ voltage is 1.21 V referenced to ground,
and the output voltage range is 1.21 V to 20 V.
Sense. For fixed-voltage versions (TPS7A4515, TPS7A4518, TPS7A4525, and TPS7A4533), SENSE is the
input to the error amplifier. Optimum regulation is obtained at the point where SENSE is connected to the OUT
pin of the regulator. In critical applications, small voltage drops are caused by the resistance (RP) of PCB traces
between the regulator and the load. These may be eliminated by connecting SENSE to the output at the load as
5
SENSE
shown in Figure 32. Note that the voltage drop across the external PCB traces adds to the dropout voltage of the
regulator. SENSE bias current is 600
μA at the rated output voltage. SENSE can be pulled below ground (as in a
dual supply system in which the regulator load is returned to a negative supply) and still allow the device to start
and operate.
6
GND
Ground. DCQ package only.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS7A4501 TPS7A4515 TPS7A4518 TPS7A4525 TPS7A4533


Numéro de pièce similaire - TPS7A4533DCQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A4533DCQR TI-TPS7A4533DCQR Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4533DCQR TI1-TPS7A4533DCQR Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
More results

Description similaire - TPS7A4533DCQR

FabricantNo de pièceFiches techniqueDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com