Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60140PWPRG4 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60140PWPRG4
Description  Low Power DC-DC Converter Regulated
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60140PWPRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS60140PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS60140PWPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Charge Pump
Power Stage
C1
C1−
C1+
IN
PGND
C2
C2−
C2+
IN
OUT
PGND
Oscillator
Control
Circuit
ENABLE
Shutdown/
Start-up Control
_
+
+
VREF
_
+
+
0.8 × VI
FB
_
+
+
VREF
PG
TPS60141
GND
TPS60140, TPS60141
SLVS273A – FEBRUARY 2000 – REVISED NOVEMBER 2015
www.ti.com
Functional Block Diagrams (continued)
Figure 4. TPS60141 Functional Block Diagram
9.3 Feature Description
9.3.1 Undervoltage Lockout
The TPS6014x devices have an undervoltage lockout feature that deactivates the device and places it in
shutdown mode when the input voltage falls below 1.6 V.
9.3.2 Low-Battery Detector (TPS60140 Only)
The internal low-battery comparator trips at 1.21 V ± 5% when the voltage on pin LBI ramps down. The voltage
V(TRIP) at which the low battery warning is issued can be adjusted with a resistive divider as shown in Figure 5. TI
recommends that the sum of resistors R1 and R2 to be in the 100-k
Ω to 1-MΩ range. When choosing R1 and
R2, be aware of the input leakage current into the LBI terminal.
LBO is an open-drain output. TI recommends an external pullup resistor to OUT, in the 100-k
Ω to 1-MΩ range.
During start-up, the LBO output signal is invalid for the first 500 µs. LBO is high impedance when the device is
disabled. If the low-battery comparator function is not used, connect LBI to ground and leave LBO unconnected.
8
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS60140 TPS60141


Numéro de pièce similaire - TPS60140PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60140PWP TI-TPS60140PWP Datasheet
476Kb / 18P
[Old version datasheet]   LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
More results

Description similaire - TPS60140PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
DCM3714XD2H26F0YZZ VICOR-DCM3714XD2H26F0YZZ Datasheet
1Mb / 23P
   Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com