Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60140PWPR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60140PWPR
Description  Low Power DC-DC Converter Regulated
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60140PWPR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS60140PWPR Datasheet HTML 2Page - Texas Instruments TPS60140PWPR Datasheet HTML 3Page - Texas Instruments TPS60140PWPR Datasheet HTML 4Page - Texas Instruments TPS60140PWPR Datasheet HTML 5Page - Texas Instruments TPS60140PWPR Datasheet HTML 6Page - Texas Instruments TPS60140PWPR Datasheet HTML 7Page - Texas Instruments TPS60140PWPR Datasheet HTML 8Page - Texas Instruments TPS60140PWPR Datasheet HTML 9Page - Texas Instruments TPS60140PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
VI − Input Voltage − V
50
55
60
65
70
75
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
TA = 25°C
TA = −40°C
TA = 85°C
VI − Input Voltage − V
300
305
310
315
320
325
330
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
TA = 25°C
TA = −40°C
TA = 85°C
TPS60140, TPS60141
SLVS273A – FEBRUARY 2000 – REVISED NOVEMBER 2015
www.ti.com
8.5 Electrical Characteristics
CIN = 4.7 µF, C1 = C2 = 2.2 µF, COUT = 10 µF
(1) at T
C = −40°C to 85°C, VIN = 2 V, FB = VOUT and ENABLE = VIN (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(UVLO)
Undervoltage lockout threshold
TC = 25°C
1.6
1.8
V
IOmax
Maximum continuous output current
100
mA
1.8 V < VIN < 2 V, VOUT, Start-up = 5 V,
4.8
5.2
0 < IOUT < IOmax/2, TC = 0°C to 70°C
VO
Output voltage
V
2 V < VIN < 3.6 V, 0 < IOUT < IOmax
4.8
5.2
Ilkg(OUT)
Output leakage current
VIN= 2.4 V, V(ENABLE) = GND
1
µA
IQ
Quiescent current (no-load input current)
VIN= 2.4 V
65
90
µA
I(SD)
Shutdown current
VIN = 2.4 V, V(ENABLE) = GND
0.05
1
µA
f(OSC)
Oscillator frequency
210
320
450
kHz
VIL
ENABLE input voltage low
VIN = 1.8 V
0.3 × VI
V
VIH
ENABLE input voltage high
VIN = 3.6 V
0.7 × VI
V
Ilkg(ENABLE)
ENABLE input leakage current
V(ENABLE) = GND or VIN
0.01
0.1
µA
VIN = 2.4 V, 1 mA < IOUT < IOUTmax,
Output load regulation
0.003
%/mA
TC = 25°C
2 V < VIN < 3.6 V, VOUT = 5 V:
Output line regulation
0.08
%/V
IOUT = 75 mA, TC = 25°C
I(SC)
Short-circuit current limit
VIN< 2.4 V, VOUT = 0 V, TC = 25°C
100
mA
VIN = 1.8 V to 2.2 V,
V(TRIP,LBI)
LBI trip voltage
TPS60140
Hysteresis 0.8% for rising LBI voltage,
1.15
1.21
1.27
V
TC = 0°C to 70°C
IIN(LBI)
LBI input current
TPS60140
LBI = 1.3 V
20
100
nA
VOUT(LBO)
LBO output voltage low(2)
TPS60140
V(LBI) = 0 V, I(LBO,SINK) = 1 mA
0.4
v
Ilkg(LBO)
LBO output leakage current
TPS60140
V(LBI) = 1.3 V, V(LBO) = 5 V
0.01
0.1
µA
V(TRIP,PG)
Power-good trip voltage
TPS60141
TC = 0°C to 70°C
0.86 × VO
0.90 × VO
0.94 × VO
V
Power-good trip voltage
Vhys(PG)
TPS60141
VOUT ramping down, TC = 0°C to 70°C
0.80%
hysteresis
VOUT(PG)
Power-good output voltage low
TPS60141
VOUT= 0 V, I(PG,SINK) = 1 mA
0.4
V
Ilkg(PG)
Power-good leakage current
TPS60141
VOUT = 5 V, V(PG) = 5 V
0.01
0.1
µA
(1)
All capacitors are ceramic capacitors of the type X5R or X7R.
(2)
During start-up the LBO signal is invalid for the first 500 µs.
8.6 Typical Characteristics
Figure 1. Quiescent Supply Current vs Input Voltage
Figure 2. Oscillator Frequency vs Input Voltage
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS60140 TPS60141


Numéro de pièce similaire - TPS60140PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60140PWP TI-TPS60140PWP Datasheet
476Kb / 18P
[Old version datasheet]   LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
More results

Description similaire - TPS60140PWPR

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
DCM24AP150X320A50 VICOR-DCM24AP150X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM24AP240X320A50 VICOR-DCM24AP240X320A50 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P280X500A40 VICOR-DCM300P280X500A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P240X600A40 VICOR-DCM300P240X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
DCM3714XD2H26F0YZZ VICOR-DCM3714XD2H26F0YZZ Datasheet
1Mb / 23P
   Regulated DC Converter
DCM48AP360X320A50 VICOR-DCM48AP360X320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM290Y138X600A40 VICOR-DCM290Y138X600A40 Datasheet
2Mb / 25P
   Regulated DC Converter
DCM48AP150T320A50 VICOR-DCM48AP150T320A50 Datasheet
1Mb / 25P
   Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com