Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HMC287MS8 Datasheet(Fiches technique) 1 Page - Hittite Microwave Corporation

Numéro de pièce HMC287MS8
Description  GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo 

HMC287MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
8 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC287MS8
GaAs MMIC LOW NOISE AMPLIFIER
with AGC, 2.3 - 2.5 GHz
v01.0701
General Description
Features
Functional Diagram
The HMC287MS8 is a low cost Low Noise Ampli-
fier (LNA) offering 21 dB of gain and a 2.5 dB noise
figure from a single positive +3V supply that requires
only 9 mA. The HMC287MS8G can be used as a
variable gain LNA, offering 30 dB of gain control,
which is controlled with a 0 to 3V analog voltage.
The typical output 1dB compression point is +3
dBm and OIP3 is +7 dBm when in the maximum
gain state. The compact LNA design utilizes on-
chip matching for repeatable gain and noise figure
performance and eliminates the need for external
matching circuitry to reduce the overall size of the
LNA function.
Gain: 21 dB
Noise Figure: 2.5 dB
Gain Adjustment: 30 dB
Single Positive Supply: +3V
No External Components
Ultra Small Package: MSOP8G
Electrical Specifications, T
A = +25° C, Vdd= +3V
Typical Applications
LNA for Spread Spectrum Applications:
• BLUETOOTH
• HomeRF
• 802.11 WLAN
• 2.5 GHz Radios
Parameter
Min.
Typ.
Max.
Units
Frequency Range
2.3 - 2.5
GHz
Gain
15
21
27
dB
Gain Variation Over Temperature
0.03
0.04
dB/°C
Gain Adjustment Range (Vctl 0 to +3V)
30
dB
Noise Figure (Vctl = 0V)
2.5
3.0
dB
Input Return Loss
5
10
dB
Output Return Loss
3
6
dB
Output 1 dB Compression (P1dB)
-2
3
dBm
Output Third Order Intercept (IP3)
3
7
dBm
Control Voltage (Vctl)
0
Vdd
Vdc
Supply Current (Idd)(Vdd = +3.0 Vdc)
9
15
mA


Html Pages

1  2  3  4  5  6 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC286GaAs MMIC LOW NOISE AMPLIFIER 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC463LP5GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER 2.0 - 20.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
XL100117.0-35.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC516GaAs PHEMT MMIC LOW NOISE AMPLIFIER 7 - 17 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC320MS8GGaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC491LP3GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE 3.4 - 3.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA028N1-0024-30 GHz GaAs MMIC Low Noise Amplifier 1 2 Alpha Industries
XL100220.0-36.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC517GaAs PHEMT MMIC LOW NOISE AMPLIFIER 17 - 26 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn