Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61151DRCTG4 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TPS61151DRCTG4
Description  Dual-Output Boost WLED Driver Using Single Inductor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61151DRCTG4 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS61151DRCTG4 Datasheet HTML 1Page - Texas Instruments TPS61151DRCTG4 Datasheet HTML 2Page - Texas Instruments TPS61151DRCTG4 Datasheet HTML 3Page - Texas Instruments TPS61151DRCTG4 Datasheet HTML 4Page - Texas Instruments TPS61151DRCTG4 Datasheet HTML 5Page - Texas Instruments TPS61151DRCTG4 Datasheet HTML 6Page - Texas Instruments TPS61151DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS61151DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS61151DRCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS61150, TPS61151
SLVS625E – FEBRUARY 2006 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes.......................................... 9
1
Features .................................................................. 1
9
Application and Implementation ........................ 10
2
Applications ........................................................... 1
9.1
Application Information............................................ 10
3
Description ............................................................. 1
9.2
Typical Application ................................................. 10
4
Revision History..................................................... 2
9.3
Additional Application Circuits................................. 16
5
Device Comparison Tables................................... 3
10
Power Supply Recommendations ..................... 17
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 17
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 17
7.1
Absolute Maximum Ratings ...................................... 4
11.2
Layout Example .................................................... 17
7.2
ESD Ratings.............................................................. 4
12
Device and Documentation Support ................. 18
7.3
Recommended Operating Conditions ....................... 4
12.1
Device Support...................................................... 18
7.4
Thermal Information .................................................. 4
12.2
Related Links ........................................................ 18
7.5
Electrical Characteristics........................................... 5
12.3
Community Resources.......................................... 18
7.6
Typical Characteristics .............................................. 6
12.4
Trademarks ........................................................... 18
8
Detailed Description .............................................. 8
12.5
Electrostatic Discharge Caution ............................ 18
8.1
Overview ................................................................... 8
12.6
Glossary ................................................................ 18
8.2
Functional Block Diagram ......................................... 8
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................... 8
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (July 2009) to Revision E
Page
Changed "QFN" package to "VSON" throughout document .................................................................................................. 1
Added Device Information and Pin Configuration and Functions sections, ESD Ratings and Thermal Information
tables, Feature Description, Device Functional Modes, Application and Implementation, Power Supply
Recommendations, Layout, Device and Documentation Support, and Mechanical, Packaging, and Orderable
Information sections................................................................................................................................................................ 1
Deleted obsolete Dissipation Ratings table ........................................................................................................................... 5
Changes from Revision C (November 2008) to Revision D
Page
Deleted Lead temperature specification from Absolute Maximum Ratings table................................................................... 4
Corrected FET error in Figure 9 ........................................................................................................................................... 11
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPS61150 TPS61151


Numéro de pièce similaire - TPS61151DRCTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61151DRCTG4 TI-TPS61151DRCTG4 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
More results

Description similaire - TPS61151DRCTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61150 TI-TPS61150 Datasheet
678Kb / 21P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61150A TI-TPS61150A Datasheet
686Kb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST WLED DRIVER USING SINGLE INDUCTOR
TPS61140 TI1-TPS61140_17 Datasheet
1Mb / 26P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Allegro MicroSystems
A8481 ALLEGRO-A8481 Datasheet
784Kb / 12P
   Dual Output Boost Regulator Using Single Inductor
logo
Texas Instruments
TPS61140 TI-TPS61140 Datasheet
1Mb / 24P
[Old version datasheet]   DUAL OUTPUT BOOST REGULATOR USING SINGLE INDUCTOR
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
G5967 GMT-G5967 Datasheet
90Kb / 1P
   Boost WLED Driver for Backlights
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com