Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A8801RTJR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A8801RTJR
Description  LDO Voltage Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A8801RTJR Fiches technique(HTML) 1 Page - Texas Instruments

  TPS7A8801RTJR Datasheet HTML 1Page - Texas Instruments TPS7A8801RTJR Datasheet HTML 2Page - Texas Instruments TPS7A8801RTJR Datasheet HTML 3Page - Texas Instruments TPS7A8801RTJR Datasheet HTML 4Page - Texas Instruments TPS7A8801RTJR Datasheet HTML 5Page - Texas Instruments TPS7A8801RTJR Datasheet HTML 6Page - Texas Instruments TPS7A8801RTJR Datasheet HTML 7Page - Texas Instruments TPS7A8801RTJR Datasheet HTML 8Page - Texas Instruments TPS7A8801RTJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TPS7A88
Clock
ENABLE
SCLK
ADC
OUT1
OUT2
VDD
PG1
PG2
ENABLE
VDD_VCO
IN1
IN2
EN1
EN2
VIN1
EN1
VIN2
EN2
LMK03328
LMX2581
ADC3xxx
ADC3xJxx
ADS4xJBxx
ADC5xJxx
ADC12Jxxxx
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS7A88
SBVS248A – NOVEMBER 2015 – REVISED NOVEMBER 2015
TPS7A88 Dual, 1-A, Low-Noise (3.8-µVRMS), LDO Voltage Regulator
1 Features
3 Description
The TPS7A88 is a dual, low-noise (3.8 µVRMS), low-
1
Two Independent LDO Channels
dropout (LDO) voltage regulator capable of sourcing
Low Output Noise: < 3.8 µVRMS (10 Hz–100 kHz)
1 A per channel with only 200 mV of maximum
Low Dropout: 200 mV (Max) at 1 A
dropout.
Wide Input Voltage Range: 1.4 V to 6.5 V
The
TPS7A88
provides
the
flexibility
of
two
Wide Output Voltage Range: 0.8 V to 5.0 V
independent LDOs and approximately 50% smaller
solution size than two single-channel LDOs. Each
High Power-Supply Ripple Rejection:
output is adjustable with external resistors from 0.8 V
75 dB at DC
to 5.0 V. The TPS7A88 wide input-voltage range
40 dB at 100 kHz
supports operation as low as 1.4 V and up to 6.5 V.
40 dB at 1 MHz
With 1% output voltage accuracy (over line, load, and
1.0% Accuracy Over Line, Load, and Temperature
temperature) and soft-start capabilities to reduce in-
rush current, the TPS7A88 is ideal for powering
Excellent Load Transient Response
sensitive
analog
low-voltage
devices
[such
as
Adjustable Start-Up In-Rush Control
voltage-controlled oscillators (VCOs), analog-to-digital
Selectable Soft-Start Charging Current
converters
(ADCs),
digital-to-analog
converters
(DACs),
high-end
processors,
and
field-
Independent Open-Drain Power-Good (PG)
programmable gate arrays (FPGAs)].
Outputs
Stable with a 10-µF or Larger Ceramic Output
The TPS7A88 is designed to power up noise-
Capacitor
sensitive components such as those found in high-
speed communication, video, medical, or test and
4-mm × 4-mm, 20-Pin WQFN Package
measurement applications. The very low 4-µVRMS
output noise and wideband PSRR (40 dB at 1 MHz)
2 Applications
minimizes phase noise and clock jitter. These
High-Speed Analog Circuits:
features maximize performance of clocking devices,
ADCs, and DACs.
VCO, ADC, DAC, LVDS
Imaging: CMOS Sensors, Video ASICs
Device Information(1)
Test and Measurement
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Instrumentation, Medical, and Audio
TPS7A88
WQFN (20)
4.00 mm × 4.00 mm
Digital Loads: SerDes, FPGA, DSP™
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPS7A8801RTJR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A8801QRTJRQ1 TI1-TPS7A8801QRTJRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   Automotive, Dual, 1-A, Low-Noise (4 uVRMS) LDO Voltage Regulator
More results

Description similaire - TPS7A8801RTJR

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Texas Instruments
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
[Old version datasheet]   LDO Voltage Regulator
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
   LDO Voltage Regulator
logo
Texas Instruments
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
[Old version datasheet]   LDO Voltage Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_17 Datasheet
1Mb / 23P
   LDO Voltage Regulator
February, 2017 ??Rev. 8
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com