Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS7560N Fiches technique(PDF) 3 Page - LSI Computer Systems

No de pièce LS7560N
Description  BRUSHLESS DC MOTOR CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSI [LSI Computer Systems]
Site Internet  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7560N Fiches technique(HTML) 3 Page - LSI Computer Systems

  LS7560N_12 Datasheet HTML 1Page - LSI Computer Systems LS7560N_12 Datasheet HTML 2Page - LSI Computer Systems LS7560N_12 Datasheet HTML 3Page - LSI Computer Systems LS7560N_12 Datasheet HTML 4Page - LSI Computer Systems LS7560N_12 Datasheet HTML 5Page - LSI Computer Systems LS7560N_12 Datasheet HTML 6Page - LSI Computer Systems LS7560N_12 Datasheet HTML 7Page - LSI Computer Systems LS7560N_12 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Output High State (RL = 15kΩ to Ground)
VOH
VR
-
-
V
Output Low State (RL = 15kΩ to VR)
VOL
-
-
1.0
V
Output Source or Sink Current
Io
-
-
1.0
mA
Oscillator:
Oscillator Frequency
FOSC
21
24
27
kHz
Percentage Frequency Change per Volt
F OSC ∆V
-
0.4
1.0
%/V
(VDD = 10V to 18V)
F
Sawtooth High Voltage
VOSCP
-
3.8
4.5
V
Sawtooth Low Voltage
VOSCV
0.7
1.0
-
V
Capacitor Discharge Current
ID
0.6
1.0
2.5
mA
Logic Inputs:
Input Threshold Voltage
VIH
3.0
2.3
-
V
(Pins 1, 20, 21, 22, 23, 24, 25, 26, 27)
VIL
-
1.8
1.4
V
Brake and Sensor (Pins 23, 24, 25, 26)
High State Input Current (VIN = 4V)
IIH
-36
-27
-20
µA
Low State Input Current (VIL = 0V)
IIL
-50
-40
-30
µA
Sequence Select, Top Driver Polarity
Select, PWM Control, Brake Select,
and F/R Select (Pins 1, 20, 21, 22, 27)
High State Input Current (VIN = 4V)
IIH
-16
-12
-8
µA
Low State Input Current (VIL = 0V)
IIL
-25
-17
-10
µA
Enable Input Threshold Voltage (Pin 2)
VIH
2.1
2.8
3.2
V
Hysteresis
VH
0.2
0.3
0.4
V
Enable Input Current
IIN
-
-
10
nA
Overcurrent Sense Comparator:
Input Threshold Voltage
VIH
85
100
115
mV
Input Current
IIN
-
-
10
nA
Outputs:
Closed Loop Control Section:
Tachometer Out
Output High Voltage (Isource = 1.5mA)
VOH
VR - 0.8
VR - 0.5
VR - 0.3
V
Output Low Voltage (Isink = 5mA)
VOL
0.18
0.27
0.40
V
Pulse Width
TW
95
105
115
µs
Capacitor Discharge Current (RC Terminal)
ID
1.8
3
7.5
mA
Output Drivers (Pins 12, 13, 14, 15, 16, 17)
Sourcing 25mA
VOH
9.5
10.5
11
V
Sourcing 50mA
VOH
8
8.8
9.5
V
Sinking 25mA
VOL
1.0
1.30
2.0
V
Sinking 50mA
VOL
2.75
3.40
4.2
V
Switching Times
TR
30
45
60
ns
(CL = 250pF)
TF
35
50
65
ns
Switching Times
TR
100
150
200
ns
CL = 1000pF)
TF
130
180
230
ns
Fault Output Voltage (Isink = 2mA)
VFO
-
-
0.5
V
Fault Off-State Leakage
IF
-
10
-
nA
Under Voltage Lockout:
For VDD
VUV
7.0
8.5
10
V
Hysteresis
VH
0.45
0.65
0.85
V
For VR
VUVR
3.5
4.1
4.8
V
Hysteresis
VH
0.16
0.3
0.4
V
Power Supply Current
VDD = 10V
IDD
-
2.0
2.5
mA
VDD = 12V
IDD
-
3.0
4.0
mA
VDD = 18V
IDD
-
7.0
11.0
mA
7560N-092605-3


Numéro de pièce similaire - LS7560N_12

FabricantNo de pièceFiches techniqueDescription
logo
LSI Computer Systems
LS7560N LSI-LS7560N Datasheet
120Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
More results

Description similaire - LS7560N_12

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com