Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP2168 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TLP2168
Description  Inverter logic type (open collector output)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2168 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TLP2168_15 Datasheet HTML 1Page - Toshiba Semiconductor TLP2168_15 Datasheet HTML 2Page - Toshiba Semiconductor TLP2168_15 Datasheet HTML 3Page - Toshiba Semiconductor TLP2168_15 Datasheet HTML 4Page - Toshiba Semiconductor TLP2168_15 Datasheet HTML 5Page - Toshiba Semiconductor TLP2168_15 Datasheet HTML 6Page - Toshiba Semiconductor TLP2168_15 Datasheet HTML 7Page - Toshiba Semiconductor TLP2168_15 Datasheet HTML 8Page - Toshiba Semiconductor TLP2168_15 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLP2168
5
11.
11.
11.
11. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, V
, V
, V
, VCC
CC
CC
CC
= 2.7 to 5.5 V (Each channel))
= 2.7 to 5.5 V (Each channel))
= 2.7 to 5.5 V (Each channel))
= 2.7 to 5.5 V (Each channel))
Characteristics
Propagation delay time
(H/L)
Propagation delay time
(L/H)
Pulse width distortion
Propagation delay skew
(device to device)
Fall time
Rise time
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpHL
tpLH
|tpHL-
tpLH|
tpsk
tf
tr
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1),
(Note 2)
(Note 1)
(Note 1)
Test
Circuit
Fig.
12.1.5
Fig.
12.1.6
Test Condition
IF = 0 → 7.5 mA, RL = 350 Ω,
CL = 15 pF
IF = 7.5 → 0 mA, RL = 350 Ω,
CL = 15 pF
IF = 0 ←→ 7.5 mA, RL = 350 Ω,
CL = 15 pF
IF = 0 → 7.5 mA, RL = 350 Ω,
CL = 15 pF
IF = 7.5 → 0 mA, RL = 350 Ω,
CL = 15 pF
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 5 V, Ta = 25 
VCM = 1000 Vp-p, IF = 10 mA,
VCC = 5 V, Ta = 25 
Min
-40
15
-15
Typ.
35
35
30
30
Max
60
60
35
40
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25 .
Note 1: f = 5 MHz, duty = 50%, input current tr = tf = 5 ns or less, CL is approximately 15 pF which includes probe and
stray wiring capacitance.
Note 2: The propagation delay skew, tpsk, is equal to the magnitude of the worst-case difference in tpHL and/or tpLH
that will be seen between units at the same given conditions (supply voltage, input current, temperature, etc).
2015-12-10
Rev.6.0
©2015 Toshiba Corporation


Numéro de pièce similaire - TLP2168_15

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
More results

Description similaire - TLP2168_15

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
   Inverter logic type (open collector output)
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
   Inverter logic type (open collector output)
logo
NXP Semiconductors
74F756 PHILIPS-74F756 Datasheet
88Kb / 12P
   Octal inverter buffer open-collector
1989 Nov 27
logo
Toshiba Semiconductor
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
   Inverter logic type (Totem pole output)
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
   Inverter logic type (totem pole output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
   Inverter logic type (Totem pole output)
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06_1 Datasheet
63Kb / 6P
   Hex Inverter Buffers / Drivers (with Open Collector High-Voltage Output)
logo
Fairchild Semiconductor
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
   Hex Inverter with Open-Collector Outputs
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
   Hex Inverter with Open Collector Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com