Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP2160 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TLP2160
Description  Inverter logic type (Totem pole output)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2160 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TLP2160 Datasheet HTML 1Page - Toshiba Semiconductor TLP2160 Datasheet HTML 2Page - Toshiba Semiconductor TLP2160 Datasheet HTML 3Page - Toshiba Semiconductor TLP2160 Datasheet HTML 4Page - Toshiba Semiconductor TLP2160 Datasheet HTML 5Page - Toshiba Semiconductor TLP2160 Datasheet HTML 6Page - Toshiba Semiconductor TLP2160 Datasheet HTML 7Page - Toshiba Semiconductor TLP2160 Datasheet HTML 8Page - Toshiba Semiconductor TLP2160 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TLP2160
4
8.
8.
8.
8. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Input on-state current
Input off-state voltage
Supply voltage
Operating temperature
Symbol
IF(ON)
VF(OFF)
VCC
Topr
Note
(Note 1),
(Note 2)
(Note 1)
(Note 3)
(Note 3)
Min
4.5
0
2.7
-40
Typ.
3.3/5.0
Max
15
0.8
5.5
125
Unit
mA
V
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
Note:
A ceramic capacitor (0.1 µF) should be connected between pin 8 and pin 5 to stabilize the operation of a high-
gain linear amplifier. Otherwise, this photocoupler may not switch properly. The bypass capacitor should be
placed within 1 cm of each pin.
Note 1: Each channel
Note 2: The rise and fall times of the input on-current should be less than 0.5 µs.
Note 3: Denotes the operating range, not the recommended operating condition.
9.
9.
9.
9. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, V
, V
, V
, VCC
CC
CC
CC
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
Low-level output voltage
High-level output voltage
Low-level supply current
High-level supply current
Threshold input current (H/L)
Symbol
VF
∆VF/∆Ta
IR
Ct
VOL
VOH
ICCL
ICCH
IFHL
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
(Note 1)
Test
Circuit
Fig.
12.1.1
Fig.
12.1.2
Fig.
12.1.3
Fig.
12.1.4
Test Condition
IF = 10 mA, Ta = 25 
IF = 10 mA
VR = 5 V, Ta = 25 
V = 0 V, f = 1 MHz, Ta = 25 
IF = 14 mA, IO = 4 mA
VF = 1.05 V, IO = -4 mA,
VCC = 3.3 V
VF = 1.05 V, IO = -4 mA,
VCC = 5 V
IF = 14 mA
IF = 0 mA
IO = 1.6 mA, VO < 0.4 V
Min
1.45
2.3
4
Typ.
1.55
-2.0
60
Max
1.7
10
0.4
5
5
3.5
Unit
V
mV/
µA
pF
V
mA
Note:
All typical values are at Ta = 25 .
Note 1: Each channel
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1×1012
2500
Typ.
0.8
1014
5000
5000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
2014-07-24
Rev.3.0


Numéro de pièce similaire - TLP2160

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP216 TOSHIBA-TLP216 Datasheet
519Kb / 9P
   DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
   Infrared LED & Photo IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
More results

Description similaire - TLP2160

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
   Inverter logic type (totem pole output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
   Inverter logic type (Totem pole output)
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
   Buffer logic type (totem pole output)
logo
Sharp Corporation
IS431 SHARP-IS431 Datasheet
136Kb / 4P
   TOTEM POLE OUTPUT TYPE OPIC LIGHT DETECTOR
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
   Inverter logic type (open collector output)
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
   Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com