Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBV3-706F-HF Fiches technique(PDF) 1 Page - Comchip Technology

No de pièce CDBV3-706F-HF
Description  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV3-706F-HF Fiches technique(HTML) 1 Page - Comchip Technology

  CDBV3-706F-HF Datasheet HTML 1Page - Comchip Technology CDBV3-706F-HF Datasheet HTML 2Page - Comchip Technology CDBV3-706F-HF Datasheet HTML 3Page - Comchip Technology CDBV3-706F-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBV3-706F-HF
Page 1
QW-JB064
REV:A
Electrical Characteristics (at Ta=25°C unless otherwise noded)
Symbol
Parameter
Test Conditions
Typ
Max
Unit
Forward voltage
IF = 1mA
VF
Reverse current
IR
μA
VR = 10V
0.37
1
Maximum Rating (at Ta=25°C unless otherwise noted)
IO
VR
VRM
Power dissipation
DC reverse voltage
Peak reverse voltage
Symbol
Parameter
Value
Unit
Mean rectifying current
mA
V
V
30
40
45
200
PD
mW
-40 to +125
TSTG
Tj
Storage Temperature range
Junction temperature range
°C
Features
- Low VF and Low IR
- High reliability
- Small package
Io = 30 mA
VR = 40 Volts
RoHS Device
SMD Schottky Barrier Diode
Comchip Technology CO., LTD.
V
- Case: SOT-323, molded plastic.
- Terminals: Soldeable per MIL-STD-750,
method 2026.
Mechanical data
-55 to +150
Circuit Diagram
3
°C
Dimensions in inches and (millimeter)
SOT-323
3
1
2
0.087(2.20)
0.079(2.00)
0.053(1.35)
0.045(1.15)
0.055(1.40)
0.047(1.20)
0.039(1.00)
0.035(0.90)
0.016(0.40)
0.008(0.20)
0.006(0.15)
0.003(0.08)
0.096(2.45)
0.085(2.15)
0.004(0.10)
0.010(0.26)
0.018(0.46)
0.000(0.00)
Company reserves the right to improve product design , functions and reliability without notice.
- Mounting position: Any.
Halogen Free
IFSM
mA
200
Non-repetitive peak forward surge
current @ t=8.3ms
Thermal resistance from Junction to ambient
500
RΘJA
°C/W
Min
Capacitance between terminals
VR = 1V, f=1MHz
pF
2
CT
- Weight: 0.005 grams(approx.).
1
2


Numéro de pièce similaire - CDBV3-706F-HF

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBV3-70 COMCHIP-CDBV3-70 Datasheet
507Kb / 2P
   Small Signal Schottky Diodes
CDBV3-70-G COMCHIP-CDBV3-70-G Datasheet
507Kb / 2P
   Small Signal Schottky Diodes
CDBV3-70A-G COMCHIP-CDBV3-70A-G Datasheet
507Kb / 2P
   Small Signal Schottky Diodes
CDBV3-70C-G COMCHIP-CDBV3-70C-G Datasheet
507Kb / 2P
   Small Signal Schottky Diodes
CDBV3-70S-G COMCHIP-CDBV3-70S-G Datasheet
507Kb / 2P
   Small Signal Schottky Diodes
More results

Description similaire - CDBV3-706F-HF

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com