Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS562201 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS562201
Description  Synchronous Step-Down Voltage Regulator in 6-Pin
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS562201 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS562201 Datasheet HTML 1Page - Texas Instruments TPS562201 Datasheet HTML 2Page - Texas Instruments TPS562201 Datasheet HTML 3Page - Texas Instruments TPS562201 Datasheet HTML 4Page - Texas Instruments TPS562201 Datasheet HTML 5Page - Texas Instruments TPS562201 Datasheet HTML 6Page - Texas Instruments TPS562201 Datasheet HTML 7Page - Texas Instruments TPS562201 Datasheet HTML 8Page - Texas Instruments TPS562201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS562201, TPS562208
SLVSD91 – DECEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 11
1
Features .................................................................. 1
8
Application and Implementation ........................ 12
2
Applications ........................................................... 1
8.1
Application Information............................................ 12
3
Description ............................................................. 1
8.2
Typical Application ................................................. 12
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 17
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 17
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 17
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 17
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 18
6.3
Recommended Operating Conditions ....................... 4
11.1
Related Links ........................................................ 18
6.4
Thermal Information .................................................. 4
11.2
Community Resources.......................................... 18
6.5
Electrical Characteristics........................................... 5
11.3
Trademarks ........................................................... 18
6.6
Typical Characteristics .............................................. 6
11.4
Electrostatic Discharge Caution ............................ 18
7
Detailed Description .............................................. 9
11.5
Glossary ................................................................ 18
7.1
Overview ................................................................... 9
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ......................................... 9
Information ........................................................... 18
7.3
Feature Description................................................... 9
4 Revision History
DATE
REVISION
NOTES
December 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS562201 TPS562208


Numéro de pièce similaire - TPS562201

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS562200 TI1-TPS562200 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
TPS562200DDCR TI1-TPS562200DDCR Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200DDCT TI1-TPS562200DDCT Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
More results

Description similaire - TPS562201

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Bookly Micro electronic
BM1707 BOOKLY-BM1707 Datasheet
506Kb / 13P
   Synchronous Step-Down Regulator
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
BM1588 BOOKLY-BM1588 Datasheet
1Mb / 6P
   Synchronous Step-Down Regulator
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
logo
Linear Technology
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com