Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2559-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2559-Q1
Description  Precision Adjustable Current-Limited Power-Distribution Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2559-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS2559-Q1 Datasheet HTML 4Page - Texas Instruments TPS2559-Q1 Datasheet HTML 5Page - Texas Instruments TPS2559-Q1 Datasheet HTML 6Page - Texas Instruments TPS2559-Q1 Datasheet HTML 7Page - Texas Instruments TPS2559-Q1 Datasheet HTML 8Page - Texas Instruments TPS2559-Q1 Datasheet HTML 9Page - Texas Instruments TPS2559-Q1 Datasheet HTML 10Page - Texas Instruments TPS2559-Q1 Datasheet HTML 11Page - Texas Instruments TPS2559-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
0
1
2
3
4
5
6
±50
0
50
100
150
Junction Temperature (
ƒC)
RILIM = 24.9K
RILIM=44.2K
RILIM=49.9K
RILIM=61.9K
RILIM=100K
C011
R
ILIM = 24.9 k
R
ILIM = 44.9 k
R
ILIM = 49.9 k
R
ILIM = 61.9 k
R
ILIM = 100 k
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
±50
0
50
100
150
Junction Temperature (
ƒC)
VIN=2.5 V
VIN=6.5 V
C009
V
IN = 2.5 V
V
IN = 6.5 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
±50
0
50
100
150
Junction Temperature (
ƒC)
VIN=2.5V
VIN=6.5V
C010
V
IN = 2.5 V
V
IN = 6.5 V
6
7
8
9
10
11
12
13
±50
0
50
100
150
Junction Temperature (
ƒC)
C008
5.0
5.5
6.0
6.5
7.0
7.5
8.0
±50
0
50
100
150
Junction Temperature (
ƒC)
C007
TPS2559-Q1
SLVSD03 – DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
VIN = 6.5 V
ILIM pin short to GND
V(FAULT) = 2.5 V
Figure 7. Short Circuit Current (IOS) vs Temperature
Figure 8. Deglitch Time (tFAULT) vs Temperature
COUT = 1 µF
R(LOAD) = 100 Ω
COUT = 1 µF
R(LOAD) = 100 Ω
Figure 9. Output Rise Time (tR) vs Temperature
Figure 10. Output Fall Time (tF) vs Temperature
VIN = 6.5 V
Figure 11. Short Circuit Current (IOS) vs Temperature
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS2559-Q1


Numéro de pièce similaire - TPS2559-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
More results

Description similaire - TPS2559-Q1

FabricantNo de pièceFiches techniqueDescription
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
   Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
logo
Texas Instruments
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switch
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
   Adjustable Current-Limited, Power-Distribution Switch
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com