Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC154S8 Fiches technique(PDF) 1 Page - Hittite Microwave Corporation

No de pièce HMC154S8
Description  GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC154S8 Fiches technique(HTML) 1 Page - Hittite Microwave Corporation

  HMC154S8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC154S8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC154S8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC154S8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC154S8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC154S8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
14 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
HMC154S8
GaAs MMIC SMT LOW DISTORTION
T/R SWITCH, DC - 2.5 GHz
v01.0701
General Description
Features
Functional Diagram
High Third Order Intercept: +60 dBm
Single Positive Supply: +3 to +10V
High RF Power Capability
TTL/CMOS Control
Electrical Specifications, T
A = +25° C, Vdd = +5 Vdc, 50 Ohm System
Typical Applications
The HMC154S8 is ideal for:
• MMDS & WirelessLAN
• Basestation Infrastructure
• Portable Wireless
The HMC154S8 is a low-cost SPDT switch in an
8-lead SOIC package for use in transmit-receive
applications which require very low distortion at
high signal power levels. The device can control
signals from DC to 2.5 GHz and is especially
suited for 900 MHz and 1.8 - 2.2 GHz applica-
tions. The design provides exceptional
inter-
modulation performance; providing a +60dBm
third order intercept at 8 Volt bias. RF1 and RF2
are reflective shorts when “Off”. On-chip circuitry
allows single positive supply operation at very low
DC current with control inputs compatible with
CMOS and most TTL logic families.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
0.5
0.7
1.0
0.7
0.9
1.3
dB
dB
dB
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
22
19
15
25
22
18
dB
dB
dB
Return Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
20
14
10
30
18
13
dB
dB
dB
Input Power for 1 dB Compression
0/8V Control
0.5 - 1.0 GHz
0.5 - 2.0 GHz
35
34
39
38
dBm
dBm
Input Third Order Intercept
0/8V Control
0.5 - 1.0 GHz
0.5 - 2.0 GHz
55
54
60
60
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
DC - 2.5 GHz
10
24
ns
ns


Numéro de pièce similaire - HMC154S8

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC154S8 HITTITE-HMC154S8 Datasheet
244Kb / 6P
   GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC154S8E HITTITE-HMC154S8E Datasheet
244Kb / 6P
   GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC154S8 HITTITE-HMC154S8_05 Datasheet
244Kb / 6P
   GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
More results

Description similaire - HMC154S8

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC154S8 HITTITE-HMC154S8_05 Datasheet
244Kb / 6P
   GaAs MMIC SMT LOW DISTORTION T/R SWITCH, DC - 2.5 GHz
HMC195 HITTITE-HMC195_05 Datasheet
273Kb / 6P
   GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC195 HITTITE-HMC195 Datasheet
198Kb / 6P
   GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC544A AD-HMC544A Datasheet
315Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com