Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP202G Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TLP202G
Description  PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP202G Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TLP202G_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP202G_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP202G_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP202G_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP202G_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP202G_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP202G
2014-09-01
4
Ambient temperature Ta (°C)
IF – Ta
Ambient temperature Ta (°C)
ION – Ta
Forward voltage VF (V)
IF – VF
ION – VON
Ambient temperature Ta (°C)
RON – Ta
Ambient temperature Ta (°C)
IFT – Ta
On-state voltage VON (V)
0
−20
60
20
40
80
100
120
100
80
60
40
20
0
Ta
= 25°C
0.6
0.8
1
1.2
1.6
1.8
1.4
100
30
10
3
1
0.3
0.1
ION = 110 mA
IF = 5 mA
t
< 1 s
30
0
−20
0
20
40
80
100
60
10
20
40
50
ION = 110 mA
t
< 1 s
3
0
−20
0
20
40
80
100
60
1
2
4
5
Ta
= 25°C
IF = 5 mA
−4
−3
−2
0
3
4
2
−200
−100
0
100
200
−1
1
0
−20
120
100
80
60
40
20
0
240
200
160
120
80
40


Numéro de pièce similaire - TLP202G_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
More results

Description similaire - TLP202G_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP192G TOSHIBA-TLP192G Datasheet
139Kb / 6P
   Photocoupler Photorelay PC Card Modems PBX STB (Set Top Boxes) Measurement Equipment
logo
Pulse A Technitrol Comp...
CX6020NL PULSE-CX6020NL Datasheet
337Kb / 2P
   DIPLEXERS FOR CABLE MODEMS, SET TOP BOXES & HFC EQUIPMENT
logo
FSP TECHNOLOGY INC.
FSP036-RBCN2 FSP-FSP036-RBCN2 Datasheet
142Kb / 1P
   IPC systems, Set top boxes, Modems
logo
Toshiba Semiconductor
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP4176G TOSHIBA-TLP4176G Datasheet
178Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
logo
Pulse A Technitrol Comp...
C6026 PULSE-C6026 Datasheet
139Kb / 5P
   DIPLEXERS FOR CABLE MODEMS, SET TOP BOXES AND GATEWAYS
logo
Toshiba Semiconductor
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4197G TOSHIBA-TLP4197G_07 Datasheet
183Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G_07 Datasheet
179Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G_14 Datasheet
253Kb / 6P
   PBX Telecommunication Modem節쩎AX Cards, Modems In PC Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com