Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25122QPWPTQ1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM25122QPWPTQ1
Description  Wide-Input Synchronous Boost Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM25122QPWPTQ1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM25122QPWPTQ1 Datasheet HTML 4Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 5Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 6Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 7Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 8Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 9Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 10Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 11Page - Texas Instruments LM25122QPWPTQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
LM25122-Q1
SNVSAF0A – DECEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified, these specifications apply for –40°C
≤ TJ ≤ +125°C, VVIN = 12 V, VVCC = 8.3 V, RT = 20 kΩ, no
load on LO and HO. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOHH
HO high-state voltage drop
IHO = –100 mA, VOHH = VBST –VHO
0.15
0.24
V
VOLH
HO low-state voltage drop
IHO = 100 mA, VOLH = VHO –VSW
0.1
0.18
V
HO rise time (10% to 90%)
CLOAD = 4700 pF, VBST = 12 V
25
ns
HO fall time (90% to 10%)
CLOAD = 4700 pF, VBST = 12 V
20
ns
VHO = 0 V, VSW = 0 V, VBST = 4.5 V
0.8
A
IOHH
Peak HO source current
VHO = 0 V, VSW = 0 V, VBST = 7.6 V
1.9
A
VHO = VBST = 4.5 V
1.9
A
IOLH
Peak HO sink current
VHO = VBST= 7.6 V
3.2
A
IBST
BST charge pump sourcing
VVIN = VSW = 9.0 V , VBST - VSW = 5.0 V
100
200
µA
current
BST to SW, IBST= –70 μA,
5.3
6.2
6.75
V
VVIN = VSW = 9.0 V
BST charge pump regulation
BST to SW, IBST = –70 μA,
7
8.5
9
V
VVIN = VSW = 12 V
BST to SW undervoltage
2.0
3.0
3.5
V
BST DC bias current
VBST - VSW = 12 V, VSW = 0 V
30
45
µA
LO GATE DRIVER
VOHL
LO high-state voltage drop
ILO = –100 mA, VOHL = VVCC –VLO
0.15
0.25
V
VOLL
LO low-state voltage drop
ILO = 100 mA, VOLL = VLO
0.1
0.17
V
LO rise time (10% to 90%)
CLOAD = 4700 pF
25
ns
LO fall time (90% to 10%)
CLOAD = 4700 pF
20
ns
VLO = 0 V, VVCC = 4.5 V
0.8
A
IOHL
Peak LO source current
VLO = 0 V
2.0
A
VLO = VVCC = 4.5 V
1.8
A
IOLL
Peak LO sink current
VLO = VVCC
3.2
A
SWITCHING CHARACTERISTICS
tDLH
LO fall to HO rise delay
No load, 50% to 50%
50
80
115
ns
tDHL
HO fall to LO rise delay
No load, 50% to 50%
60
80
105
ns
THERMAL
TSD
Thermal shutdown
Temperature rising
165
ºC
Thermal shutdown hysteresis
25
ºC
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM25122-Q1


Numéro de pièce similaire - LM25122QPWPTQ1

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512A TI-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512A TI1-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512ASM NSC-LM2512ASM Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results

Description similaire - LM25122QPWPTQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5122 TI-LM5122 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Exar Corporation
SP7606 EXAR-SP7606 Datasheet
931Kb / 17P
   Wide Input Voltage Boost Controller
logo
Texas Instruments
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com