Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS4H000AQPWPRQ1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS4H000AQPWPRQ1
Description  Quad Channels Smart High-Side Power Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS4H000AQPWPRQ1 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS4H000AQPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS4H000AQPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS4H000AQPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS4H000AQPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS4H000AQPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS4H000AQPWPRQ1 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS
3.4-V to 40-V
Supply Voltage
OUT1
OUT2
OUT3
OUT4
IN1, 2, 3, 4
SEL
CS
DIAG_EN
SEH
THER
FAULT
CL
GND
ST1
ST2
ST3
ST4
LED Strings
Power Module:
Cameras, Sensors
General Resistive, Capacitive,
Inductive Loads
Relays
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS4H000-Q1
SLVSD73 – DECEMBER 2015
TPS4H000-Q1 40-V/1000-m
Ω Quad Channels Smart High-Side Power Switch
1 Features
Diagnostic
Overcurrent and Short to Ground Detection
1
Qualified for Automotive Applications
Open Load / Short to Battery Detection in On /
AEC-Q100 Qualified With the Following Results:
Off State
Device Temperature Grade 1: –40°C to 125°C
Global Fault for Fast Hardware Interrupt
Ambient Operating Temperature Range
Report
Device HBM ESD Classification Level H3A
Certification of ISO7637-2 and ISO16750-2
Device CDM ESD Classification Level C4B
20-Pin Thermally-Enhanced PWP Package
Quad-Channels 1000-m
Ω Smart High-Side Power
Switch With Full Diagnostics
2 Applications
Version A: Open-Drain Status Output
Multi-CHs LED Drivers
Version B: Current Sense Analog Output
Multi-CHs High-Side Power Switches
Wide Operating Voltage 3.4 to 40 V
Multi-CHs High-Side Relay Drivers
Very-Low Standby Current, < 500 nA
High Accurate Current Sense:
3 Description
±3 mA when >100 mA, ±0.5 mA when > 1 mA
The TPS4H000-Q1 family is a fully-protected quad
channels
smart
high-side
power
switch,
with
Programmable Current Limit With External
integrated 1000-m
Ω NMOS power FET.
Resistor
Full diagnostics and high accuracy current sense
±15% when > 50 mA
features enable intelligent control of the load.
Protection
External programmable current limit improves the
Short to GND Protection by Current Limit
whole system’s reliability by limit the inrush or
(Internal or External)
overload current.
Thermal Shutdown With Latch Off Option and
Thermal Swing
Device Information(1)
Inductive Load Negative Voltage Clamp With
PART NUMBER
PACKAGE
CHANNELS
Optimized Slew Rate
TPS4H000-Q1
HTSSOP (20)
4
Loss of GND and Loss of Battery Protection
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPS4H000AQPWPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
TPS4H160AQPWPRQ1 TI1-TPS4H160AQPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
TPS4H160BQPWPRQ1 TI1-TPS4H160BQPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
More results

Description similaire - TPS4H000AQPWPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2H000-Q1 TI1-TPS2H000-Q1 Datasheet
153Kb / 6P
[Old version datasheet]   Dual Channels Smart High-Side Power Switch
TPS2H160-Q1 TI1-TPS2H160-Q1 Datasheet
158Kb / 6P
[Old version datasheet]   Dual Channels Smart High-Side Power Switch
logo
Infineon Technologies A...
BTS5434G INFINEON-BTS5434G Datasheet
427Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5234G INFINEON-BTS5234G Datasheet
411Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5234L INFINEON-BTS5234L Datasheet
414Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5235L INFINEON-BTS5235L Datasheet
640Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5241L INFINEON-BTS5241L Datasheet
293Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 25 mΩ
V1.0, 2004-02-27
BTS5235G INFINEON-BTS5235G Datasheet
638Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5231GS INFINEON-BTS5231GS Datasheet
669Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 140 m?
V1.0, Dec. 2005
BTS5231-2GS INFINEON-BTS5231-2GS Datasheet
840Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 140 m 廓
V1.2, Sep 2008
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com