Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65262-2 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65262-2
Description  Output Current Triple Synchronous Step-Down Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65262-2 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS65262-2 Datasheet HTML 6Page - Texas Instruments TPS65262-2 Datasheet HTML 7Page - Texas Instruments TPS65262-2 Datasheet HTML 8Page - Texas Instruments TPS65262-2 Datasheet HTML 9Page - Texas Instruments TPS65262-2 Datasheet HTML 10Page - Texas Instruments TPS65262-2 Datasheet HTML 11Page - Texas Instruments TPS65262-2 Datasheet HTML 12Page - Texas Instruments TPS65262-2 Datasheet HTML 13Page - Texas Instruments TPS65262-2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
5.4
6.0
6.6
7.2
7.8
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C014
1.12
1.16
1.20
1.24
1.28
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C014
6
8
10
12
14
16
18
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C014
2.4
3.0
3.6
4.2
4.8
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C014
0.594
0.596
0.598
0.600
0.602
0.604
0.606
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C014
560
580
600
620
640
±50
±30
±10
10
30
50
70
90
110
130
Junction Temperature (
ƒC)
C014
TPS65262-2
SLVSD87A – DECEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
TA = 25°C, VIN = 12 V, VOUT1 = 1.2 V, VOUT2 = 1.8 V, VOUT3 = 3.3 V, ƒSW = 600 kHz (unless otherwise noted)
Figure 13. Voltage Reference vs Temperature
Figure 14. Oscillator Frequency vs Temperature
Figure 15. Shutdown Quiescent Current vs Temperature
Figure 16. EN Pin Pullup Current vs Temperature, EN = 1 V
Figure 17. EN Pin Pullup Current vs Temperature, EN = 1.5 V
Figure 18. EN Pin Threshold Rising vs Temperature
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS65262-2


Numéro de pièce similaire - TPS65262-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65262-1 TI1-TPS65262-1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1 TI1-TPS65262-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65262-1RHBR TI1-TPS65262-1RHBR Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1RHBT TI1-TPS65262-1RHBT Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1 TI-TPS65262-1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS65262-1, 4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
More results

Description similaire - TPS65262-2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65265 TI1-TPS65265 Datasheet
2Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Linear Technology
LTC3853 LINER-LTC3853_15 Datasheet
752Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853 LINER-LTC3853 Datasheet
414Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Texas Instruments
TPS65261 TI1-TPS65261_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com