Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS386000QRGPRQ1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS386000QRGPRQ1
Description  Quad Supply Voltage Supervisors
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS386000QRGPRQ1 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS386000QRGPRQ1 Datasheet HTML 1Page - Texas Instruments TPS386000QRGPRQ1 Datasheet HTML 2Page - Texas Instruments TPS386000QRGPRQ1 Datasheet HTML 3Page - Texas Instruments TPS386000QRGPRQ1 Datasheet HTML 4Page - Texas Instruments TPS386000QRGPRQ1 Datasheet HTML 5Page - Texas Instruments TPS386000QRGPRQ1 Datasheet HTML 6Page - Texas Instruments TPS386000QRGPRQ1 Datasheet HTML 7Page - Texas Instruments TPS386000QRGPRQ1 Datasheet HTML 8Page - Texas Instruments TPS386000QRGPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
VMON(1)
RS1H
TPS386000-Q1
RS2H
SENSE1
RESET1
RST
VMON(2)
SENSE2
RESET2
RS3H
Microprocessor
VMON(3)
SENSE3
RESET3
DSP
RS4H
FPGA
VMON(4)
SENSE4L
RESET4
RS4L
RS3L
RS2L
RS1L
SENSE4H
VREF
WDO
WDI
GPIO
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS386000-Q1
SBVS149B – SEPTEMBER 2010 – REVISED JANUARY 2016
TPS386000-Q1 Quad Supply Voltage Supervisors
With Programmable Delay and Watchdog Timer
1 Features
3 Description
The TPS386000-Q1 family of voltage supervisors can
1
Qualified for Automotive Applications
monitor four power rails that are greater than 0.4 V
AEC Q100 Test Guidance With the Following
and one power rail less than 0.4 V (including negative
Results:
voltage) with a 0.25% (typical) threshold accuracy.
Device Temperature Grade 1: –40°C to 125°C
Each of the four supervisory circuits (SVS-n) assert a
RESETn
or
RESETn
output
signal
when
the
Ambient Operating Temperature Range
SENSEm input voltage drops below the programmed
Device HBM ESD Classification Level H2
threshold. With external resistors, the threshold of
Device CDM ESD Classification Level C4B
each SVS-n can be programmed (where n = 1, 2, 3,
Four Complete SVS Modules on one Silicon
4 and m = 1, 2, 3, 4L, 4H).
Platform
Each SVS-n has a programmable delay before
Programmable Delay Time: 1.4 ms to 10 s
releasing RESETn or RESETn. The delay time can
be set from 1.4 ms to 10 s through the CTn pin
Very Low Quiescent Current: 12
μA Typical
connection. Only SVS-1 has an active-low manual
Threshold Accuracy: 0.25% Typical
reset (MR) input; a logic-low input to MR asserts
SVS-1: Manual Reset (MR) Input
RESET1 or RESET1.
SVS-1, 2, 3: Adjustable Threshold Down to 0.4 V
SVS-4 monitors the threshold window using two
SVS-4:
comparators.
The
extra
comparator
can
be
configured as a fifth SVS to monitor negative voltage
Adjustable Threshold at Any Positive or
with voltage reference output VREF.
Negative Voltage with VREF (1.2 V)
Window Comparator
The TPS386000-Q1 device has a very low quiescent
current of 12
μA (typical) and is available in a small,
Watchdog Timer with Dedicated Output
4-mm x 4-mm, VQFN-20 package.
Well-Controlled RESETn Output During Power-Up
Open-Drain RESETn and WDO
Device Information(1)
Package: 4-mm x 4-mm, 20-pin VQFN
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS38600-Q1
VQFN (20)
4.00 mm × 4.00 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Automotive
ADAS
Front Camera, Surround View, Long-Range
Radar, and Short-Range Radar
TPS386000-Q1 Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - TPS386000QRGPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS386000QRGPRQ1 TI1-TPS386000QRGPRQ1 Datasheet
764Kb / 25P
[Old version datasheet]   Quad Supply Voltage Supervisors with Programmable Delay and Watchdog Timer
More results

Description similaire - TPS386000QRGPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7759 TI-TL7759 Datasheet
87Kb / 6P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com